전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH52ZAD-R

  • AI
    The **MEH52ZAD-R** is a specific model of an incremental rotary encoder, typically manufactured by companies like **Nemicon**. These devices are used to convert the angular position or motion of a shaft into analog or digital output signals. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the MEH series, here are the primary electronic and mechanical characteristics: | Feature | Description | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Bore Type** | Hollow Shaft (Z-type often indicates a specific mounting/hub) | | **Resolution** | Usually varies (common pulses per revolution: 100 to 5000) | | **Output Phase** | A, B, and Z (Index) phases | | **Supply Voltage** | Typically 5V DC or 12-24V DC (depending on driver) | | **Output Type** | Line Driver, Open Collector, or Voltage Output | --- ### 2. Core Electronic Components The internal "parts" of the MEH52ZAD-R consist of an electro-optical system: * **Light Emitting Diode (LED):** The light source that shines through a coded disk. * **Coded Disk:** A glass or plastic disk with transparent and opaque lines that break the light beam as the shaft rotates. * **Photo-Detector Array:** Sensors that catch the light pulses and convert them into electrical currents. * **Signal Processing IC:** An internal ASIC (Application Specific Integrated Circuit) that cleans up the sine waves from the sensors into square waves (TTL/CMOS compatible). * **Output Driver:** A transistor circuit (like a 26LS31 Line Driver) that ensures the signal can travel over long cables without significant noise interference. --- ### 3. Wiring and Phase Logic Most encoders in this series follow a standard output logic to determine direction and position: 1. **Phase A & B:** Two square waves offset by 90 degrees (Quadrature). This allows the controller to determine the **direction** of rotation. 2. **Phase Z (Index):** A single pulse per full revolution used to establish a **reference point** or "Home" position. 3. **Differential Signals:** If it is a Line Driver model (common for "R" suffixes), it will provide complementary signals ($\bar{A}$, $\bar{B}$, $\bar{Z}$) to cancel out electromagnetic interference. --- ### 4. Application Areas * **Servo Motors:** Providing feedback for closed-loop speed and position control. * **Factory Automation:** Used in conveyor systems and robotic arms. * **CNC Machinery:** Precision measurement of tool paths.
    ✨ Follow-up Questions
    • ⤷ What is the exact Pulse Per Revolution (PPR) for this specific model?
    • ⤷ How do I wire a Line Driver encoder to a PLC?
    • ⤷ What is the difference between a hollow shaft and a solid shaft encoder?