전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH58ZBX-R

  • AI
    The **MEH58ZBX-R** is a high-precision, industrial-grade incremental rotary encoder typically used in motor feedback systems and automation machinery. It is designed for heavy-duty environments, offering robust mechanical and electrical performance. ### 1. Key Technical Specifications The following table outlines the core electronic and physical attributes of the MEH58 series: | Feature | Specification | | :--- | :--- | | **Encoder Type** | Incremental Rotary Encoder | | **Housing Diameter** | 58 mm (Standard Industrial Size) | | **Shaft Type** | Through Hollow Shaft (or Blind Hollow) | | **Output Phase** | A, B, Z (Index), and inverted signals (A-, B-, Z-) | | **Supply Voltage** | 5V DC or 8-30V DC (Model dependent) | | **Connection Type** | Radial Cable or M23/M12 Connector | | **Protection Class** | IP64 or IP65 (Dust and Water Resistant) | --- ### 2. Internal Electronic Components The device functions through a combination of optical and electronic sub-assemblies: * **Infrared LED Source:** Provides the light beam required for position sensing. * **Photo-Detector Array:** A high-speed ASIC (Application Specific Integrated Circuit) that receives light pulses and converts them into electrical currents. * **Coded Disk:** A glass or plastic disk with fine radial lines that interrupt the light beam to create pulses. * **Driver Output Circuit:** Usually utilizes a **Push-Pull** (HTL) or **Line Driver** (TTL/RS422) circuit to transmit signals over long distances without significant noise interference. --- ### 3. Signal Configuration The "R" suffix often denotes specific connector orientations or resolution characteristics. Typically, the wiring follows a standard differential pattern to ensure electromagnetic compatibility (EMC): ```yaml Signal Logic: - Channel A: Quadrature pulse for speed/position - Channel B: 90° shifted from A to determine direction - Channel Z: Reference mark (once per revolution) - Differential: /A, /B, /Z for noise cancellation ``` --- ### 4. Common Applications Due to its 58mm form factor, this part is widely used in: 1. **CNC Machines:** For precise spindle or axis positioning. 2. **Elevator Motors:** To monitor speed and floor leveling. 3. **Packaging Lines:** To synchronize conveyor belts with robotic arms. 4. **Textile Industry:** For tension control and high-speed rotation monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse per revolution (PPR) supported by the MEH58 series?
    • ⤷ How do I wire the MEH58ZBX-R to a PLC using a NPN or PNP configuration?
    • ⤷ What are the primary differences between the MEH58 and the MEH50 models?