전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH62XAX-R

  • AI
    The **MEH62XAX-R** is a specific model of an **Electromechanical Relay**, typically associated with the **MEH Series** manufactured by companies like **CIT Relay & Switch**. It is designed for high-current switching applications, often found in automotive or industrial control systems. --- ### 1. Technical Specifications Table Below is a breakdown of the primary electronic characteristics typical for this component series: | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | SPST (1 Form A) or SPDT (1 Form C) | | **Max Switching Current** | Up to 30A - 40A | | **Nominal Coil Voltage** | 12VDC / 24VDC (Varies by suffix) | | **Contact Material** | AgSnO₂ (Silver Tin Oxide) | | **Termination** | PCB Terminals / Quick Connect | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Breakdown of the Part Number Components While specific manufacturer prefixes can vary, the alphanumeric code generally breaks down as follows: * **MEH**: The Series identifier (Miniature High Power Relay). * **62**: Often refers to the physical size or a specific configuration within the series. * **X**: Usually designates the **Contact Form** (e.g., X for SPST-NO). * **A**: Indicates the **Coil Voltage** (A is frequently a code for 12VDC). * **X**: May indicate **Sealing Type** (e.g., Flux tight vs. Sealed). * **-R**: Typically signifies the inclusion of an internal **Resistor** across the coil to suppress voltage spikes (back-EMF). --- ### 3. Key Electronic Components & Functions #### A. The Electromagnetic Coil When current flows through the coil, it creates a magnetic field that pulls the armature. The **-R** suffix is crucial here, as it indicates a resistor is integrated to protect sensitive driving electronics (like a microcontroller or transistor) from inductive kickback when the relay is turned off. #### B. High-Current Contacts The contacts are usually made of **Silver Tin Oxide (AgSnO₂)**. This material is chosen for its excellent resistance to "welding" (sticking) and material transfer during high-current switching, common in motor starts or lamp loads. #### C. Housing and Insulation The outer shell is made of high-temperature thermoplastic. This ensures that the relay can operate in harsh environments (like an engine bay) without the casing melting or the internal insulation breaking down. --- ### 4. Common Applications * **Automotive:** Power windows, fuel pumps, cooling fans, and lighting systems. * **Industrial:** Motor control, heating elements, and power supplies. * **Consumer Electronics:** Large appliance control (HVAC units, washing machines).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the -R (Resistor) and -D (Diode) suppression options in relays?
    • ⤷ How do I calculate the power consumption of the MEH62XAX-R coil?
    • ⤷ What are the PCB layout footprints for the MEH series relays?