전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH68ZBX-R

  • AI
    The **MEH68ZBX-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like **Nemicon** or similar industrial sensor providers. These components are used to convert the angular position or motion of a shaft into analog or digital signals. --- ### 1. Technical Specifications Overview The "MEH" series usually represents a hollow-shaft type encoder designed for mounting directly onto motor shafts. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Shaft Design** | Hollow Shaft (Built-in) | | **Resolution** | Usually indicated by the numbers (e.g., 680 or 68 pulses per rotation) | | **Output Phase** | A, B, and Z (Index) phases | | **Supply Voltage** | Typically 5V DC or 12-24V DC (depends on suffix) | | **Output Type** | Line Driver or Totem Pole (Push-Pull) | --- ### 2. Breakdown of the Part Number While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: * **MEH:** Series identifier (Miniature/Medium Encoder Hollow shaft). * **68:** Usually refers to the outer diameter of the encoder body (68mm). * **Z:** Represents the inclusion of a "Zero" or Index pulse (Z-phase). * **BX:** Often denotes the output circuit type (e.g., Complementary or Line Driver) and connection method. * **R:** Generally indicates "Radial" cable exit or a specific RoHS compliance/Revision marker. --- ### 3. Key Electronic Components Inside An encoder like the MEH68ZBX-R consists of several internal electronic subsystems: 1. **Light Source (LED):** An infrared LED that shines through a coded disk. 2. **Coded Disk:** A glass or plastic disk with transparent and opaque lines that "chop" the light as it spins. 3. **Photo-Detector Array:** High-speed photodiodes that catch the light pulses and convert them into small electrical currents. 4. **Signal Conditioning (ASIC):** An internal chip that cleans the sine-wave signals from the sensors and converts them into square waves (TTL/HTL). 5. **Output Driver:** Transistors (usually in a Push-Pull or RS422 configuration) that boost the signal so it can travel through long cables to a PLC or CNC controller. --- ### 4. Wiring and Signal Output Most encoders in this class utilize a standard 5-wire or 8-wire configuration: ```yaml Standard Output Phases: - Phase A: Primary pulse for speed calculation. - Phase B: Shifted 90° from Phase A to determine direction (Quadrature). - Phase Z: One pulse per revolution for homing/reference. - VCC/GND: Power supply lines. - A-, B-, Z-: Inverted signals for noise reduction (if Line Driver). ``` --- ### 5. Common Applications * **Servo Motors:** Providing feedback on rotor position. * **Factory Automation:** Measuring conveyor belt speed. * **Elevators:** Monitoring car position and door speed. * **Textile Machinery:** Ensuring precise tension and synchronization.
    ✨ Follow-up Questions
    • ⤷What is the difference between a hollow shaft and a solid shaft encoder?
    • ⤷ How do I troubleshoot a 'No Signal' error from this encoder?
    • ⤷ Which output type (Line Driver vs. Open Collector) is best for long-distance wiring?