AI

The **MEH73XAG-R** is a specific model of an **External Rotor Axial Fan**, typically manufactured by **Fulltech Electric**. These fans are engineered for high-efficiency cooling in industrial environments, telecommunications, and server racks.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | AC External Rotor Axial Fan |
| **Input Voltage** | 230V AC (50/60 Hz) |
| **Frame Material** | Die-cast Aluminum |
| **Impeller Material** | Thermoplastic (PBT) / Metal (depending on sub-variant) |
| **Bearing Type** | Dual Ball Bearing |
| **Motor Protection** | Thermal Protector (Impedance Protected) |
---
### 2. Electronic Components & Construction
The "MEH" series utilizes several critical electronic and mechanical design choices to ensure longevity:
* **External Rotor Motor:** Unlike standard motors where the rotor is inside the stator, the rotor of this fan surrounds the stator. This allows for a more compact design and better heat dissipation for the motor coils.
* **Dual Ball Bearing System:** The "X" in the part number often signifies high-end bearing quality. Dual ball bearings allow the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting the lifespan, unlike sleeve bearings.
* **Capacitor-Run Motor:** These fans generally utilize a permanent split capacitor (PSC) motor. This improves starting torque and electrical efficiency during continuous operation.
* **Lead Wire / Terminal:** The "-R" suffix usually indicates the connection type, often referring to **RoHS compliance** and specific **Round/Terminal** lead configurations for easier integration into industrial cabinets.
---
### 3. Electrical Performance Features
1. **Safety Protection:** The motor includes an internal thermal fuse or impedance protection to prevent the coils from catching fire or melting if the fan blades are obstructed (locked rotor).
2. **Dielectric Strength:** Designed to withstand high voltage spikes, typically tested at 1500V AC for one minute to ensure insulation integrity.
3. **Insulation Class:** Usually rated as **Class B or Class F**, meaning the internal wiring can handle temperatures between 130°C and 155°C without degrading.
---
### 4. Environmental Ratings
* **Operating Temperature:** Typically -10°C to +70°C.
* **Life Expectancy:** Approximately 50,000 to 70,000 hours at 40°C.
* **Compliance:** UL recognized, CE certified, and RoHS compliant.
- ⤷
What are the dimensions (in mm) for the MEH73XAG-R model?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What is the specific airflow rate (CFM) for this fan?