전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH73XBA-R

  • AI
    The **MEH73XBA-R** is a specific model of an **Incremental Magnetic Encoder** typically used in industrial automation, robotics, and motor control systems. It is designed to convert mechanical motion into electronic signals. ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Type** | Incremental Magnetic Encoder | | **Output Channels** | A, B, and Z (Index pulse) | | **Input Voltage** | Typically DC 5V or DC 8-24V (Model dependent) | | **Resolution** | Usually 1024 or 2048 pulses per revolution (PPR) | | **Mounting** | Hollow shaft or blind-hole design | | **Connection** | Radial cable outlet (indicated by the 'R' suffix) | --- ### 2. Core Electronic Components & Functions The MEH73XBA-R functions through several internal electronic stages: #### A. Magnetic Sensing Element Unlike optical encoders that use light and a disk, this part uses a **Hall Effect sensor array** or a Magnetoresistive sensor. It detects changes in the magnetic field as a polarized magnet rotates above the sensor. #### B. Signal Processing IC The raw analog signals from the magnetic sensor are processed by an internal ASIC (Application-Specific Integrated Circuit). This chip performs: * **Interpolation:** Increasing the resolution by calculating intermediate points between magnetic poles. * **Signal Conditioning:** Filtering out electromagnetic interference (EMI). #### C. Output Driver Stage This is the part that communicates with your PLC or Controller. It usually employs one of two circuit types: 1. **Line Driver (RS-422):** Used for long distances; provides differential signals (A, /A, B, /B) to cancel out noise. 2. **Push-Pull / Totem Pole:** Used for general-purpose high-speed switching. --- ### 3. Wiring and Signal Configuration The "R" in the model name usually denotes a **Radial** cable exit. Standard electronic wiring for this series typically follows this color logic: | Wire Color | Signal Type | Description | | :--- | :--- | :--- | | **Red** | Vcc | Power supply (Positive) | | **Black** | GND | Ground (0V) | | **White** | Phase A | Main pulse signal | | **Green** | Phase B | 90° shifted signal (to detect direction) | | **Yellow** | Phase Z | Index pulse (once per revolution) | | **Shield** | PE | Grounding for noise reduction | --- ### 4. Common Applications * **CNC Machinery:** For precise spindle or axis positioning. * **BLDC Motors:** Providing feedback for commutation. * **Elevator Systems:** Monitoring speed and floor leveling.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MEH73XBA-R?
    • ⤷ How do I troubleshoot a missing Z-phase signal on this encoder?
    • ⤷ What is the difference between this magnetic model and an optical encoder equivalent?