전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEPA-11ME-R

  • AI
    The **MEPA-11ME-R** is a specific electronic sub-assembly, typically identified as a **Switching Mode Power Supply (SMPS)** or a **Power Control Board** often found in consumer electronics, specifically LG television sets and monitors. --- ## 1. Core Technical Specifications The MEPA-11ME-R functions as the primary power converter for the device, transforming AC mains voltage into regulated DC voltages required by the internal logic boards and backlight arrays. | Feature | Description | | :--- | :--- | | **Component Type** | Power Supply Unit (PSU) / SMPS | | **Input Voltage** | 100V - 240V AC (~50/60Hz) | | **Output Rails** | Typically 13V DC (Logic) and High Voltage (LED Backlight) | | **Cooling** | Passive (Heatsinks) | | **Safety Certifications** | UL, CE, RoHS Compliant | --- ## 2. Key Electronic Sections The board is divided into two main zones: the **Primary (Hot)** side and the **Secondary (Cold)** side, separated by an isolation barrier (the "Galvanic Isolation Line"). ### A. Primary Section (High Voltage) * **EMI Filter:** Uses X-Capacitors and Common Mode Chokes to prevent electrical noise from leaking back into the power grid. * **Bridge Rectifier:** Converts AC input into pulsed DC. * **PFC (Power Factor Correction):** Often includes an inductor and MOSFET to improve efficiency. * **Main Filter Capacitor:** The large cylindrical capacitor (usually 400V-450V) that stores high-voltage DC. ### B. Secondary Section (Low Voltage) * **Switching Transformer:** The core component that steps down the high voltage to usable levels. * **Schottky Diodes:** Rectify the high-frequency AC from the transformer into stable DC. * **Filter Electrolytic Capacitors:** Smooth out the output ripples for stable logic power. ### C. Feedback Loop * **Optocouplers:** These transmit signals from the secondary side back to the primary side to regulate voltage without physical electrical contact, ensuring safety and stability. --- ## 3. Common Failure Points Technicians often look for the following issues on the MEPA-11ME-R board: 1. **Bulging Capacitors:** Electrolytic capacitors on the secondary side often dry out or leak, causing power instability or "no-start" conditions. 2. **Blown Fuse:** Usually indicates a short circuit in the Bridge Rectifier or the Main Switching MOSFET. 3. **Cold Solder Joints:** Due to the heat generated by the diodes and transformers, solder joints can crack over time, leading to intermittent power. --- ## 4. Pinout Example (Typical) The output connector (usually labeled `P201` or similar) generally follows this logic: | Pin Name | Function | | :--- | :--- | | **PWR-ON** | Signal from the Main Board to wake the PSU from standby. | | **13V** | Main power for the system logic and audio. | | **GND** | Ground / Common Return. | | **DRV-ON** | Backlight Enable signal. |
    ✨ Follow-up Questions
    • ⤷ What are the common symptoms of a failing MEPA-11ME-R board?
    • ⤷ How can I test the output voltages of this board using a multimeter?
    • ⤷ Is there a direct substitute or universal board for the MEPA-11ME-R?