MEPA-14PC-R
AI

The **MEPA-14PC-R** is a specific model of an **EMI/RFI Power Line Filter**. These components are critical in electronics for suppressing electromagnetic interference (noise) that travels through power lines, ensuring that a device neither emits nor succumbs to electrical noise.
---
## 1. Core Technical Specifications
The "MEPA" series is typically manufactured by brands like **Delta Electronics** or **Yunpen**. Below are the standard specifications associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Rated Voltage** | 115 / 250 VAC |
| **Rated Current** | 14 Amperes |
| **Operating Frequency** | 50/60 Hz |
| **Leakage Current** | 0.8 mA max @ 250V / 50Hz |
| **Termination Style** | PC Board (PCB) Mount (Pins) |
| **Filter Type** | Single Phase |
---
## 2. Internal Electronic Components
The "R" suffix often denotes a specific configuration or compliance (like RoHS). Internally, this part consists of a network of passive components designed to create an **impedance mismatch**:
### A. Common Mode Choke (Inductor)
A dual-wound coil on a ferrite core. It provides high impedance to common-mode noise (noise appearing on both Line and Neutral relative to ground) while allowing the 50/60Hz power current to pass through.
### B. X-Capacitors (Line-to-Line)
These capacitors are placed across the AC lines. They filter out "Differential Mode" noise (noise traveling between the two power lines).
### C. Y-Capacitors (Line-to-Ground)
These are connected from the lines to the chassis ground. They are crucial for bypassing high-frequency "Common Mode" noise to the earth, though they are strictly limited in value to keep "Leakage Current" within safety limits.
### D. Bleeder Resistor
Often included to discharge the capacitors when power is disconnected, preventing a residual electric shock hazard at the plug.
---
## 3. Physical Configuration & Mounting
Unlike chassis-mount filters that use wires or spade terminals, the **PC-R** designation indicates:
* **PCB Mounting:** The pins are designed to be soldered directly onto a Printed Circuit Board.
* **Compact Housing:** Usually enclosed in a metal can that acts as a Faraday shield to further block radiated interference.
---
## 4. Application Use Cases
This specific 14A filter is commonly found in:
1. **Industrial Power Supplies:** To meet CE or FCC emissions standards.
2. **Medical Equipment:** Where low leakage and high noise immunity are required.
3. **Fitness Equipment:** (e.g., Treadmills) to prevent motor noise from feeding back into the household grid.
4. **Telecommunications:** Protecting sensitive data signals from power line fluctuations.
- ⤷
What is the difference between common mode and differential mode noise in these filters?
- ⤷ How does leakage current affect the safety rating of the MEPA-14PC-R?
- ⤷ Can this filter be used for DC power applications as well?