전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEPF-11PF-R

  • AI
    The **MEPF-11PF-R** is a specific model of an **EMI/RFI Power Line Filter** designed for high-performance noise suppression in electronic circuits. It is commonly used to protect sensitive equipment from electromagnetic interference (EMI) originating from the power grid and to prevent the equipment itself from leaking noise back into the line. --- ### Technical Specifications Below are the primary electronic characteristics of the MEPF-11PF-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Single-Phase AC Power Line Filter | | **Rated Voltage** | 250 VAC (50/60Hz) | | **Rated Current** | 10A to 11A (Model dependent variant) | | **Leakage Current** | Low Leakage (Standard for medical/office use) | | **Operating Temperature** | -25°C to +85°C | | **Termination Style** | Faston / Solder Lug / Plug-in | --- ### Internal Electronic Components The "R" suffix in the part number usually denotes **RoHS Compliance**, while the internal circuitry consists of a multi-stage passive network: 1. **Inductors (Chokes):** High-permeability toroidal cores wrapped with copper wire to block high-frequency common-mode noise. 2. **X-Capacitors:** Connected across the line (Line to Neutral) to suppress differential mode interference. 3. **Y-Capacitors:** Connected from the line/neutral to the ground. These are critical for suppressing common-mode noise but must be carefully rated for safety. 4. **Bleeder Resistor:** A high-value resistor connected in parallel with the X-capacitors to discharge stored energy when power is disconnected (safety feature). --- ### Key Applications This part is typically integrated into the following systems: * **Medical Equipment:** Where low leakage current is vital for patient safety. * **Switching Power Supplies (SMPS):** To dampen the high-frequency switching noise. * **Industrial Automation:** To protect PLC and sensors from grid spikes. * **Telecommunications:** Ensuring clean signal transmission by removing power line hum. --- ### Installation Considerations * **Grounding:** The metal housing of the MEPF-11PF-R must be securely grounded to the chassis to ensure the Y-capacitors function correctly. * **Orientation:** Ensure the "Line" side faces the power source and the "Load" side faces the device electronics.
    ✨ Follow-up Questions
    • ⤷ What is the specific insertion loss rating in dB for this filter?
    • ⤷ Can this filter be used in DC applications instead of AC?
    • ⤷ What are the physical dimensions and mounting hole patterns for the R-series?