전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEPF-12M4-R/

  • AI
    The **MEPF-12M4-R** is a specific electronic component, typically classified as a **Power Inductor** (Surface Mount Device - SMD). These components are critical for power management, voltage regulation, and filtering in modern electronics. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. General Specifications While specific data can vary slightly by manufacturer (often associated with brands like **Mag Layers**), the "12M4" designation usually refers to its physical footprint and specific electrical characteristics. | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Value** | Typically 0.12µH to 1.2µH (Series dependent) | | **Size Code** | 12 (Approx. 12mm x 12mm footprint) | | **Construction** | Molded Metal Powder (High Current) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Technical Features The "MEPF" series is designed for high-performance power circuits. Key characteristics include: * **Magnetic Shielding:** The molded construction provides excellent EMI (Electromagnetic Interference) shielding, preventing the inductor from interfering with nearby components. * **High Saturation Current:** Because they use metal alloy powders, these inductors can handle high peak currents without the inductance dropping off sharply (soft saturation). * **Low DCR (DC Resistance):** Designed with thick copper wire to minimize energy loss as heat, increasing overall power efficiency. * **Temperature Stability:** Operates reliably across a wide temperature range, typically -40°C to +125°C. --- ### 3. Application Areas The MEPF-12M4-R is commonly found in the following circuits: 1. **DC/DC Converters:** Used as the main energy storage element in buck (step-down) or boost (step-up) converters. 2. **Voltage Regulator Modules (VRM):** Essential for CPU and GPU power delivery on motherboards and server cards. 3. **Battery Powered Devices:** High efficiency helps extend battery life in laptops and tablets. 4. **Automotive Electronics:** Used in infotainment and ADAS systems due to its rugged molded design. --- ### 4. Part Number Breakdown (Typical) | Prefix | Series | Size | Value Code | Termination | | :--- | :--- | :--- | :--- | :--- | | **M** | Metal | **12** | **M4** | **-R** | | Manufacturer Code | Molded Powder | ~12mm Body | Inductance/Tolerance | RoHS/Tape & Reel | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current rating for the MEPF-12M4-R?
    • ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
    • ⤷ What are the recommended soldering profile settings for this SMD part?