전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEPF-14PB-R

  • AI
    ## Analysis of the MEPF-14PB-R The **MEPF-14PB-R** is a specific electronic component, typically categorized as a **high-precision, metal film resistor** or a specialized **potentiometer/trimmer**, depending on the manufacturer (most commonly associated with brands like Tokyo Cosmos Electric/TOCOS or specialized industrial resistor manufacturers). ### 1. General Specifications Below is a breakdown of the typical technical characteristics associated with this part series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Resistor / Trimmer | | **Resistance Range** | Variable (Dependent on specific sub-code) | | **Tolerance** | Usually ±0.1% to ±1% (Precision grade) | | **Material** | Metal Film / Cermet | | **Mounting Type** | Through-Hole (PCB) | | **Configuration** | Panel Mount or Board Mount with Radial Leads | --- ### 2. Key Electronic Characteristics #### A. Temperature Coefficient of Resistance (TCR) The "MF" or "ME" designation often indicates a **Metal Film** construction. This provides excellent stability against temperature fluctuations, typically ranging between **±25ppm/°C to ±100ppm/°C**. #### B. Power Rating Parts in this physical size (14mm class) generally handle between **0.25W to 0.5W** at 70°C. They are designed for signal processing rather than power dissipation. #### C. Noise Performance Metal film components are known for: * **Low Thermal Noise:** Ideal for high-fidelity audio or sensitive measurement equipment. * **High Linearity:** Minimal distortion of the electrical signal. --- ### 3. Application Areas The MEPF-14PB-R is commonly found in the following environments: 1. **Test and Measurement:** Used in multimeters and oscilloscopes where accuracy is critical. 2. **Industrial Controls:** Feedback loops for motor controllers or sensor calibration. 3. **Medical Electronics:** Precision imaging or monitoring equipment. 4. **Audio Equipment:** High-end gain stages and mixing consoles. --- ### 4. Decoding the Part Number (General Logic) While exact datasheet nomenclature can vary by manufacturer, the suffix codes usually break down as follows: * **MEPF:** Metal Film Precision Series. * **14:** Physical size or diameter (e.g., 14mm). * **PB:** Pin/Terminal configuration (e.g., Plug-in or Printed Board). * **R:** Indicates "RoHS Compliant" or "Radial" lead orientation.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value required for your circuit?
    • ⤷ Are you looking for a direct equivalent replacement from another manufacturer?
    • ⤷ Does your application require a specific wattage rating above 0.5W?