전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEPF-14PC-R/Q

  • AI
    The **MEPF-14PC-R/Q** is a high-performance, precision pressure sensor (often categorized under pressure switches) typically manufactured by companies like **Koganei**. These devices are designed for automated pneumatic systems where accurate air pressure monitoring and electronic switching are critical. Below is the detailed breakdown of its electronic parts, technical specifications, and functionality. ### 1. Key Technical Specifications The "R/Q" suffix usually denotes specific output types or connector configurations (often involving NPN/PNP options or specialized wiring). | Feature | Specification Details | | :--- | :--- | | **Pressure Range** | Typically 0 to 1.0 MPa (Positive Pressure) | | **Power Supply** | 12 to 24V DC (±10% ripple) | | **Switch Output** | Open Collector (NPN or PNP depending on sub-model) | | **Analog Output** | 1 to 5V DC (Linear output proportional to pressure) | | **Current Consumption** | $\le$ 40mA | | **Response Time** | $\le$ 2.5ms (High-speed electronic switching) | | **Display Type** | 3.5 Digit, 2-color LCD (Red/Green) | --- ### 2. Electronic Component Breakdown The device functions through an integration of several electronic sub-systems: #### A. Pressure Transducer (The Sensing Element) At the core is a **Silicon Piezoresistive Diaphragm**. When air pressure is applied, the diaphragm deforms, changing the electrical resistance of the bridge circuit integrated into the chip. This change is converted into a micro-voltage signal. #### B. Signal Conditioning (ASIC) The raw millivolt signal from the sensor is sent to an **Application-Specific Integrated Circuit (ASIC)**. * **Amplification:** Boosts the weak sensor signal. * **Temperature Compensation:** Corrects errors caused by ambient temperature fluctuations to ensure accuracy. * **A/D Conversion:** Converts the analog signal into digital data for the microprocessor. #### C. Microcontroller (MCU) The MCU handles the logic of the device: * Compares current pressure against the **Set Point (Hysteresis)**. * Controls the **Dual-Color LCD** to change color (e.g., green when within range, red when an error occurs). * Manages the user interface for button programming. #### D. Output Stage * **Digital Switch:** Uses a transistor (BJT or MOSFET) to act as a solid-state switch for PLCs or relays. * **Analog Buffer:** Provides a stabilized 1-5V signal to external controllers for continuous monitoring. --- ### 3. Wiring Diagram Representation Most models in this series follow a standard 4-wire color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | V+ | Positive Power Supply (12-24V DC) | | **Blue** | 0V | Common Ground | | **Black** | Out 1 | Digital Switch Output (NPN/PNP) | | **White** | Analog Out | 1-5V DC Voltage Output | --- ### 4. Circuit Protection Features The MEPF series includes built-in electronic safeguards to prevent damage during installation: 1. **Reverse Polarity Protection:** Prevents damage if the Brown and Blue wires are swapped. 2. **Short-Circuit Protection:** Shuts down the output if the load current exceeds limits (typically 100mA). 3. **Noise Filtering:** Internal capacitors filter out electromagnetic interference (EMI) from nearby motors or solenoids.
    ✨ Follow-up Questions
    • ⤷What is the difference between the NPN and PNP output versions for this sensor?
    • ⤷ How do I calibrate the zero-point on the MEPF-14PC series?
    • ⤷ Can this sensor be used for vacuum applications or only positive pressure?