전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MERP-13PB-R

  • AI
    The **MERP-13PB-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Low Profile Power Inductor** or a specialized **Magnetic Component**. While the exact specifications can vary slightly by manufacturer, it is part of a class of high-performance inductors used in power management. --- ### 1. General Specifications The part number generally breaks down into its electrical and physical properties: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Surface Mount Device (SMD) | | **Inductance Value** | Typically in the microhenry ($\mu H$) range | | **Shielding** | Magnetically shielded to reduce Electromagnetic Interference (EMI) | | **Mounting Style** | SMD/SMT (Surface Mount Technology) | | **Standard Applications** | DC-DC Converters, Voltage Regulator Modules (VRM) | --- ### 2. Key Electronic Characteristics These components are designed to handle high current loads while maintaining a small physical footprint. 1. **Low DC Resistance (DCR):** Minimizes power loss as heat, increasing the overall efficiency of the power circuit. 2. **Saturation Current ($I_{sat}$):** The point at which the inductance drops by a specific percentage (usually 20-30%). These parts are designed to resist saturation even at peak loads. 3. **High Frequency Performance:** Optimized for switching frequencies commonly found in modern buck/boost converters (ranging from 100kHz to several MHz). 4. **Magnetic Shielding:** The "PB" or "R" designations often refer to specific core materials (like Carbonyl Iron or Ferrite) that contain the magnetic field within the part. --- ### 3. Pinout and Physical Construction The **MERP** series usually features a molded construction: * **Core Material:** Composite metal powder or ferrite. * **Termination:** Lead-free (RoHS compliant) plating, usually Tin (Sn). * **Footprint:** A rectangular or square "Press-fit" or "Solder-pad" design that allows for automated pick-and-place assembly. --- ### 4. Typical Circuit Application In a standard electronic circuit, the MERP-13PB-R would be placed near a **Power Management IC (PMIC)**: ```python # Simplified representation of the inductor's role Power_Source (Vin) -> Switching_MOSFET -> [MERP-13PB-R Inductor] -> Output_Capacitor -> Vout (Stable) ``` **Common Uses:** * Laptop and Desktop Motherboards (CPU/GPU Power). * Industrial Power Supplies. * Battery-powered handheld devices requiring high efficiency. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and current rating for the MERP-13PB-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended solder reflow profiles for this SMD component?