전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MERP-14PD-R/Q

  • AI
    The **MERP-14PD-R/Q** is a high-performance, radiation-hardened (or radiation-tolerant) power conversion module, typically used in aerospace, satellite, and defense applications. It belongs to a class of isolated DC-DC converters designed to operate in harsh environments. --- ### ## Technical Specifications Overview The "MERP" series (often associated with manufacturers like Crane Aerospace & Electronics / Interpoint) is known for its high efficiency and reliability. | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Typically 16V to 40V DC (28V Nominal) | | **Output Voltage** | 14V DC (Model specific) | | **Power Output** | Approximately 15W to 30W (Depending on thermal conditions) | | **Isolation** | Magnetic coupling (Input to Output) | | **Package Style** | Hermetically sealed metal case | | **Radiation Tolerance** | Designed for Total Ionizing Dose (TID) and SEE | --- ### ## Key Electronic Components & Internal Architecture The module is a hybrid microcircuit, meaning it combines discrete components with specialized integrated circuits on a ceramic substrate. #### 1. Power Stage (Flyback or Forward Converter) * **MOSFETs:** Uses radiation-hardened N-channel MOSFETs for switching. * **Transformers:** High-frequency planar or toroidal transformers provide the galvanic isolation and voltage transformation. #### 2. Control Circuitry * **PWM Controller:** A Pulse Width Modulation (PWM) chip regulates the output voltage by adjusting the duty cycle of the power switches. * **Feedback Loop:** Uses an optoisolator or a magnetic feedback element to maintain regulation while keeping the input and output electrically isolated. #### 3. Protection Features * **Soft Start:** Prevents current spikes during power-up. * **Inhibit Function:** Allows the device to be turned on/off via a logic signal. * **Current Limiting:** Protects the internal circuitry from short circuits or over-current events. --- ### ## Suffix Definitions (-R/Q) In high-reliability electronics, suffixes denote the screening level and radiation testing: * **-R:** Generally indicates **Radiation Hardened**. This means the device is tested to withstand specific levels of Total Ionizing Dose (e.g., up to 100k rads). * **-Q:** Refers to the **Quality Level** or Screening. Often compliant with MIL-PRF-38534 Class H or K, ensuring the part is suitable for space flight or mission-critical military hardware. --- ### ## Application Context These parts are not found in consumer electronics. They are integrated into: 1. **Satellites (LEO/GEO):** Powering onboard computers and sensors. 2. **Military Aircraft:** Providing regulated power from noisy 28V bus systems. 3. **Space Exploration Rovers:** Managing power in high-radiation environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum Total Ionizing Dose (TID) this part can withstand?
    • ⤷ Can you explain the difference between Class H and Class K screening for these modules?
    • ⤷ What are the pinout configurations for the MERP series?