전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEWT-115-R

  • AI
    The **MEWT-115-R** is a specific model of an **Electric Water Timer** (often associated with brands like Mistking or similar hydroponic/misting system manufacturers). This device is designed to automate misting cycles by controlling an internal relay that switches power to a pump or solenoid valve. Below is an explanation of its internal electronic components and technical specifications. --- ## 1. Core Electronic Components | Component | Function | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that stores the user-defined schedules and calculates time increments (seconds/minutes/hours). | | **LCD Display** | A liquid crystal display used to show the current time, interval settings, and duration settings. | | **Internal Relay** | A mechanical or solid-state switch that closes the circuit to provide 115V power to the connected device. | | **Backup Battery** | Usually a CR2032 or similar button cell to retain time and program settings during a power outage. | | **Step-down Transformer** | Converts the 115V AC input down to 5V or 12V DC to power the internal logic board. | --- ## 2. Technical Specifications The "115-R" suffix typically denotes the voltage rating and the relay type. * **Input Voltage:** 115V AC, 60Hz (Standard North American wall outlet). * **Max Load:** Typically rated for **10A to 15A**. * **Timing Increments:** Precision timing allowing for durations as short as 1 second. * **Internal Protection:** Usually equipped with a replaceable glass fuse or a thermal resettable breaker to prevent board burnout during a surge. --- ## 3. Connectivity & Wiring Logic The electronics are arranged to act as a "Gatekeeper" for the power supply. 1. **Input Side:** A standard 3-prong grounded plug (NEMA 5-15P) connects the electronics to the wall. 2. **Control Logic:** The user inputs data via tactile buttons. The MCU monitors the internal clock. 3. **Output Side:** Once the "On" time is reached, the MCU sends a low-voltage signal to the **Relay**. The Relay clicks shut, allowing the 115V current to flow to the female outlet on the device. --- ## 4. Common Failure Points If the unit fails, the issue is usually found in these electronic areas: * **Relay Pitting:** The internal switch contacts can wear out if a high-induction motor (pump) is turned on/off thousands of times. * **Capacitor Leakage:** Over years of use, the capacitors in the power supply section may bulge, causing the LCD to flicker or the timer to reset. * **Battery Depletion:** If the screen is blank when unplugged, the internal memory battery needs replacement.
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage load for the MEWT-115-R?
    • ⤷ How do I replace the internal backup battery in this timer?
    • ⤷ Can this timer be used with 220V systems or is it strictly 115V?