전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEWT-224-R

  • AI
    The **MEWT-224-R** is a specific model of a **Rotating Warning Light (Beacon)** manufactured by **PATLITE**. This device is commonly used in industrial environments for status signaling and safety warnings. Below is a breakdown of its electronic specifications and internal components. --- ## 1. Core Technical Specifications The "MEWT" series is characterized by its compact size and direct-mount capability. | Component | Specification | | :--- | :--- | | **Rated Voltage** | 24V AC/DC | | **Current Consumption** | Approx. 0.13A (3.1W) | | **Light Source** | Incandescent Bulb (usually 24V 5W) | | **Rotation Speed** | ~120 flashes per minute (FPM) | | **Protection Rating** | IP23 (Internal use/Indoor) | | **Color (R)** | Red (indicated by the "-R" suffix) | --- ## 2. Key Electronic & Mechanical Parts The device operates using a combination of electrical drive components and a mechanical rotation assembly. ### A. The Light Source (Bulb) * **Type:** Miniature Incandescent bulb. * **Base:** Usually a BA15S or similar bayonet style for vibration resistance. * **Function:** Provides the primary illumination which is then directed by the reflector. ### B. Drive Motor * **Motor Type:** Small DC geared motor. * **Function:** Drives the parabolic reflector around the stationary bulb. Even when powered by AC, the internal circuitry rectifies the power to drive the motor. ### C. Parabolic Reflector * **Material:** Vacuum-metallized plastic. * **Function:** Collects the light from the bulb and focuses it into a concentrated beam that "sweeps" as it rotates, creating the flashing effect. ### D. Internal Circuitry * **Rectifier/Regulator:** Converts incoming 24V AC/DC into a stable current for the motor and bulb. * **Wiring:** Color-coded leads (typically Red/White or Black) for power input. --- ## 3. Wiring Diagram Overview The MEWT series usually features a simple two-wire connection system: ```text [ Power Source 24V ] -------- (Wire 1: Power) -------- [ MEWT-224-R ] [ Power Source 24V ] -------- (Wire 2: Common) ------- [ MEWT-224-R ] ``` *Note: Since this model is AC/DC compatible, polarity is generally not an issue, but always consult the specific wiring label on the base of the unit.* --- ## 4. Maintenance Parts If the unit stops spinning or lighting up, these are the common replacement parts: 1. **Replacement Bulb:** PATLITE Part No. D02400503-F1 (24V 5W). 2. **Global Standard Globe:** The Red outer lens (polycarbonate).
    ✨ Follow-up Questions
    • ⤷ How do I replace the bulb in a MEWT-224-R beacon?
    • ⤷ What is the difference between the MEWT and the newer SKH series?
    • ⤷ Can this unit be wired to a PLC for automated signaling?