전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MF-R016/600

  • AI
    ## Overview of MF-R016/600 The **MF-R016/600** is a specialized electronic component known as a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is part of the Multifuse® line, specifically designed for high-voltage applications like telecommunications. --- ### Technical Specifications The following table details the primary electrical characteristics of the MF-R016/600: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.16 A | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.32 A | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 600 V | Maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 3.0 A | Maximum fault current the device can safely interrupt. | | **Typical Power ($P_d$)** | 1.0 W | Power dissipated by the device when in a tripped state. | | **Initial Resistance ($R_{min}/R_{max}$)** | 4.0 - 10.0 $\Omega$ | Resistance range before the first trip event. | --- ### How It Works 1. **Normal Operation:** At standard operating currents, the conductive particles within the polymer form a low-resistance path, allowing current to flow freely. 2. **Fault Condition:** If an overcurrent or overtemperature event occurs, the polymer heats up and expands. 3. **Tripped State:** The expansion breaks the conductive paths, causing the resistance to increase exponentially, effectively "opening" the circuit. 4. **Resetting:** Once the fault is cleared and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse resets to a low-resistance state. --- ### Key Applications Because of its high voltage rating (600V), this part is commonly used in: * **Customer Premise Equipment (CPE):** Modems and routers. * **Central Office Equipment:** Protection for analog line cards. * **T1/E1/J1 Protection:** Telecommunication lines prone to power cross or lightning surges. * **Set-top Boxes:** Protecting power supplies and input ports. --- ### Physical Characteristics * **Package Type:** Radial Leaded (Through-hole). * **Material:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0 requirements). * **Lead Material:** Tin-plated copper.
    ✨ Follow-up Questions
    • ⤷ What is the difference between $I_{hold}$ and $I_{trip}$ in a PPTC fuse?
    • ⤷ How does the ambient temperature affect the performance of the MF-R016/600?
    • ⤷ Can this fuse be used in DC applications as well as AC?