전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MF-R025

  • AI
    The **MF-R025** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured primarily by Bourns. These components are used for circuit protection against overcurrent conditions. --- ## 1. Component Specifications The "MF-R" series stands for "Multifuse Resettable" (Radial leaded). Below are the key electrical characteristics for the **MF-R025**: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.25 A | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.50 A | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 60 V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely interrupt. | | **Static Resistance ($R_{min}/R_{max}$)** | 1.00 - 1.95 $\Omega$ | The resistance range of the device in its initial state. | --- ## 2. How It Works Unlike a standard one-time fuse that melts and must be replaced, the MF-R025 is **resettable**: 1. **Normal State:** The conductive polymer is in a crystalline state, allowing current to flow with low resistance. 2. **Overcurrent Event:** Excessive current causes $I^2R$ heating. When the polymer reaches its phase transition temperature, it expands and becomes amorphous. 3. **Tripped State:** The resistance increases dramatically (by several orders of magnitude), limiting the current to a safe leakage level. 4. **Resetting:** Once the power is removed and the fault is cleared, the device cools down, the polymer shrinks back to its conductive state, and the circuit is restored. --- ## 3. Physical Characteristics * **Package Type:** Radial Leaded (through-hole). * **Material:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0). * **Lead Material:** Tin-plated copper. * **Marking:** Usually marked with "R025" and the manufacturer's logo. --- ## 4. Typical Applications The MF-R025 is commonly used in low-voltage electronics where space and cost are factors, but maintenance (replacing fuses) is difficult: * **USB Port Protection:** Limiting current to peripherals. * **Security Systems:** Protecting sensors and control panels. * **Transformers:** Protecting against secondary short circuits. * **Industrial Controls:** Protecting I/O ports. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip in PPTC devices?
    • ⤷ How does ambient temperature affect the performance of the MF-R025?
    • ⤷ Can this fuse be used in AC circuits or is it DC only?