전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MF-R800

  • AI
    ### Overview of the MF-R800 The **MF-R800** is a specific model of **Resettable PTC (Positive Temperature Coefficient) Fuse**, part of the Multifuse® polymer-based product line manufactured by Bourns. These components are designed to protect electronic circuits from overcurrent and overtemperature conditions. --- ### Key Technical Specifications The following table highlights the critical electronic characteristics of the MF-R800: | Parameter | Value / Description | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 8.0 Amperes | | **Trip Current ($I_{trip}$)** | 16.0 Amperes | | **Maximum Voltage ($V_{max}$)** | 30 Volts (DC or AC) | | **Maximum Current ($I_{max}$)** | 100 Amperes | | **Power Dissipation ($P_d$ typ.)** | 4.0 Watts | | **Initial Resistance ($R_{min}$)** | 0.005 Ohms | | **Post-Trip Resistance ($R1_{max}$)** | 0.020 Ohms | --- ### Internal Electronics and Operation The MF-R800 operates using a specialized polymer material mixed with conductive carbon black particles. #### 1. Normal State Under normal operating currents (below 8.0A), the polymer is in a crystalline state. The carbon particles form dense chains, providing a **low-resistance path** for electricity to flow through the circuit. #### 2. Tripped State (Fault Condition) When a short circuit or overcurrent occurs, the $I^2R$ heating causes the polymer to expand. * **Expansion:** The polymer shifts from a crystalline to an amorphous state. * **Interruption:** The carbon chains break apart. * **Resistance Spike:** The resistance increases exponentially, reducing the current flow to a safe leakage level. #### 3. Resetting Mechanism Unlike a traditional fuse that blows and must be replaced, the MF-R800 is **resettable**. Once the fault is cleared and the power is removed, the device cools down, the polymer contracts, and the conductive paths are restored. --- ### Physical and Material Features * **Packaging:** Radial Leaded (Through-hole). * **Coating:** Flame retardant epoxy polymer (meeting UL 94V-0). * **Leads:** Tin-plated copper. * **Marking:** Typically marked with "MF", "R800", and a date code. --- ### Common Applications Due to its high hold current (8A), the MF-R800 is commonly used in: * **Power Supplies:** Protection against output short circuits. * **Industrial Controls:** Protecting motor circuits and actuators. * **Battery Packs:** Guarding against rapid discharge and overheating. * **Computing:** High-draw peripheral ports and motherboards.
    ✨ Follow-up Questions
    • ⤷ How does temperature derating affect the 8A hold current of the MF-R800?
    • ⤷ What is the typical time-to-trip for the MF-R800 at its maximum current?
    • ⤷ What are the main advantages of using a PTC fuse like the MF-R800 over a standard glass fuse?