전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MF-RX/72-LAB

  • AI
    The **MF-RX/72-LAB** is a specialized engineering kit produced by **Bourns**. It contains a variety of **Multifuse® Polymer PTC (Positive Temperature Coefficient)** resettable fuses from the MF-RX/72 series. These components are designed to protect electronic circuits from overcurrent and short-circuit conditions. --- ### 1. What are MF-RX/72 Components? The components inside this lab kit are **Radial Leaded Resettable Fuses**. Unlike standard glass fuses that blow and must be replaced, these devices "trip" (increase in resistance) during a fault and "reset" once the power is removed and the fault is cleared. | Feature | Specification | | :--- | :--- | | **Technology** | Polymeric Positive Temperature Coefficient (PPTC) | | **Max Voltage** | 72V (Continuous) | | **Hold Current Range** | 0.20A to 3.75A (depending on the specific model) | | **Mounting Type** | Through-hole (Radial Leads) | | **Operating Temp** | -40 °C to +85 °C | --- ### 2. How the Parts Function The MF-RX/72 parts operate based on the thermal properties of conductive polymers: 1. **Normal State:** The device has very low resistance, allowing current to flow to the load. 2. **Fault State:** If current exceeds the "Trip Current," the polymer heats up and expands. Conductive paths break, and resistance increases dramatically, limiting current to a safe leakage level. 3. **Reset State:** Once the power is disconnected and the device cools down, the polymer contracts, restoring conductive paths and low resistance. --- ### 3. Key Components in the LAB Kit The "LAB" version is a kit intended for R&D and prototyping. It typically includes several pieces of each of the following popular values: | Part Number (Example) | Hold Current ($I_{hold}$) | Trip Current ($I_{trip}$) | Max Current ($I_{max}$) | | :--- | :--- | :--- | :--- | | **MF-RX020/72** | 0.20A | 0.40A | 40A | | **MF-RX050/72** | 0.50A | 1.00A | 40A | | **MF-RX110/72** | 1.10A | 2.20A | 40A | | **MF-RX375/72** | 3.75A | 7.50A | 40A | --- ### 4. Typical Applications Because these parts are rated for **72V**, they are widely used in industrial and telecommunications equipment where voltage spikes might occur. * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Safeguarding PLC I/O ports. * **Power Supplies:** Providing secondary protection for transformers. * **Motor Protection:** Guarding against stall/lock-rotor conditions. --- ### 5. Important Selection Parameters When using a part from the MF-RX/72-LAB kit, consider these three factors: 1. **Hold Current ($I_{hold}$):** The maximum current the device can carry without tripping. 2. **Trip Current ($I_{trip}$):** The minimum current at which the device will definitely switch to high resistance. 3. **Time to Trip:** PPTCs are not instantaneous; it can take several seconds to trip depending on how much the current exceeds the limit.
    ✨ Follow-up Questions
    • ⤷ What is the main advantage of using a PTC fuse over a standard one-time fuse?
    • ⤷ How does ambient temperature affect the performance of the MF-RX/72 series?
    • ⤷ Does this kit include surface-mount (SMD) versions or only through-hole?