전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MF-RX020/72

  • AI
    ### MF-RX020/72: Electronic Component Overview The **MF-RX020/72** is a **PTC (Positive Temperature Coefficient) Resettable Fuse**, part of the Multifuse® line manufactured by Bourns. Unlike traditional fuses that blow and must be replaced, this component "trips" to a high-resistance state during an overcurrent event and resets once the fault is removed and the power is cycled. --- ### Key Specifications Below is a technical summary of the device's electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.20 A | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.40 A | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 72 V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely interrupt. | | **Power Dissipation** | 0.41 W | Typical power dissipated when in the tripped state. | | **Resistance ($R_{min}/R_{max}$)** | 1.50 $\Omega$ / 2.84 $\Omega$ | The resistance range of the device in its initial state at 23°C. | --- ### Technical Functionality #### 1. Material Composition The device is made of a conductive polymer composite. Under normal conditions, conductive particles form low-resistance paths through the polymer, allowing current to flow. #### 2. The Tripping Mechanism When a fault occurs (short circuit or overcurrent): * **$I^2R$ Heating:** The excessive current causes the internal temperature to rise. * **Expansion:** The polymer reaches its phase transition temperature and expands. * **High Resistance:** The expansion breaks the conductive chains, increasing resistance significantly and limiting the current to a safe leakage level. #### 3. Temperature Derating As a thermal device, its performance is highly dependent on ambient temperature. * **High Ambient Temp:** The $I_{hold}$ decreases because less internal heating is required to reach the trip point. * **Low Ambient Temp:** The $I_{hold}$ increases because more current is needed to generate sufficient heat. --- ### Physical Attributes * **Package Type:** Through-hole (Radial Leaded). * **Coating:** Cured, flame-retardant epoxy polymer (meets UL 94V-0). * **Lead Material:** Tin-plated copper. * **Dimensions:** Small form factor, typically ~7.4mm in diameter. --- ### Typical Applications * **Security Systems:** Protection against wiring faults. * **Industrial Controls:** Power supply protection for sensors and actuators. * **Telecommunications:** Protection for line cards and networking equipment. * **Transformers:** Used to prevent overheating in small power transformers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MF-RX020/72 and the standard MF-RX020 model?
    • ⤷ How do I calculate the time-to-trip for this fuse at a specific current?
    • ⤷ What are the mounting considerations for through-hole resettable fuses to ensure proper heat dissipation?