전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MF-RX025/72

  • AI
    ## Overview of the MF-RX025/72 The **MF-RX025/72** is a **Radial Leaded PTC (Positive Temperature Coefficient) Resettable Fuse** manufactured by Bourns. It belongs to the Multifuse® family and is primarily used for overcurrent and overtemperature protection in electronic circuits. --- ### Technical Specifications The table below outlines the core electrical characteristics of the device: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.25 A | Maximum current at which the device will not trip. | | **Trip Current ($I_{trip}$)** | 0.50 A | Minimum current at which the device will switch to high resistance. | | **Maximum Voltage ($V_{max}$)** | 72 V | Maximum voltage the device can withstand without damage. | | **Maximum Current ($I_{max}$)** | 40 A | Maximum fault current the device can safely handle. | | **Power Dissipation ($P_d$ typical)** | 0.45 W | Power dissipated when the device is in the tripped state. | | **Operating Temperature** | -40°C to +85°C | Thermal range for reliable operation. | --- ### Key Features and Functionality 1. **Resettable Nature**: Unlike a standard one-time fuse that blows and must be replaced, the MF-RX025/72 returns to a low-resistance state once the fault (short circuit or overcurrent) is removed and the device cools down. 2. **High Voltage Rating**: Rated for up to **72V**, making it suitable for industrial applications, power supplies, and telecommunications. 3. **Radial Leaded Package**: Designed for Through-Hole Technology (THT) mounting on PCBs. 4. **Agency Recognition**: Typically UL, CSA, and TÜV recognized for safety standards. --- ### Typical Applications * **Industrial Controls**: Protection for sensors and actuators. * **Security Systems**: Protecting control panels and alarms. * **Power Supplies**: Overcurrent protection for DC power outputs. * **Telecommunications**: Protection for line cards and networking equipment. --- ### How it Works (Physics) The device is made of a polymer matrix containing conductive carbon black particles. * **Normal State**: The particles form a conductive path (low resistance). * **Tripped State**: Excess current causes $I^2R$ heating. The polymer expands, breaking the conductive paths and causing the resistance to spike (high resistance), effectively limiting the current to a safe level.
    ✨ Follow-up Questions
    • ⤷ What is the difference between hold current and trip current?
    • ⤷ How does ambient temperature affect the performance of this PTC fuse?
    • ⤷ Are there surface-mount alternatives to the MF-RX025/72?