전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MF-RX250-2

  • AI
    ## Overview of MF-RX250-2 The **MF-RX250-2** is a specific model of a **Polymer Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is part of the Multifuse® MF-RX series, designed to provide overcurrent protection for electronic circuits. Unlike traditional fuses that melt and must be replaced, a PPTC "trips" into a high-resistance state when a fault occurs and resets itself once the fault is removed and the power is cycled. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the MF-RX250-2: | Parameter | Specification | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 2.50 A | Maximum current at which the device will not trip. | | **$I_{trip}$** | 5.00 A | Minimum current at which the device will always trip. | | **$V_{max}$** | 60 V | Maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 A | Maximum fault current the device can safely interrupt. | | **$P_d$ (Typ.)** | 2.5 W | Power dissipated from the device when in tripped state. | | **$R_{min}$** | 0.05 $\Omega$ | Minimum resistance before tripping. | | **$R1_{max}$** | 0.13 $\Omega$ | Max resistance measured one hour after tripping. | --- ### Key Features and Construction - **Form Factor:** Radial leaded package (through-hole mounting). - **Material:** Conductive polymer matrix blended with carbon black. - **Packaging:** The "-2" suffix specifically indicates **Tape and Reel** packaging (ideal for automated assembly). - **Agency Approvals:** Generally UL, CSA, and TUV recognized. --- ### How it Works The operation of the MF-RX250-2 is based on a thermal-electrical cycle: 1. **Normal State:** The polymer is in a crystalline state with conductive carbon chains, allowing current to flow with low resistance. 2. **Fault State:** Excess current generates heat ($I^2R$). Once the "Trip" temperature is reached, the polymer expands and becomes amorphous. 3. **High Resistance:** The carbon chains break apart, causing the resistance to spike, limiting the current to a safe leakage level. 4. **Reset:** Once the fault is cleared and the device cools down, the polymer re-crystallizes, and the device returns to a low-resistance state. --- ### Typical Applications - **Industrial Controls:** Protection for motors and transformers. - **Power Supplies:** Overcurrent protection for DC power ports. - **Consumer Electronics:** Protection for speakers and high-end audio equipment. - **Automotive:** Protection for small motors and electronic control units (ECUs).
    ✨ Follow-up Questions
    • ⤷What is the difference between MF-RX250 and MF-RX250-2?
    • ⤷ How do ambient temperature changes affect the trip current of this device?
    • ⤷ What are the soldering precautions for radial leaded PPTCs?