전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MFS-P-A44-R

  • AI
    The **MFS-P-A44-R** is a specific part number typically associated with high-precision **Thin Film Platinum Resistance Temperature Detectors (RTDs)**. These components are used for accurate temperature sensing across industrial and medical applications. --- ### 1. General Specifications The part number follows a standard coding for thin-film sensors. Below is a breakdown of the typical electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Sensor Type** | Platinum RTD (Thin Film) | | **Resistance at 0°C** | 100 $\Omega$ (Pt100) or 1000 $\Omega$ (Pt1000) | | **Tolerance Class** | Class A (±0.15 + 0.002|t|) | | **Temperature Range** | -50°C to +400°C (approx.) | | **Dimensions** | 2.0mm x 2.3mm (Standard A-size) | | **Lead Wire Material** | Platinum-clad Nickel or Gold-plated Nickel | --- ### 2. Component Structure The "MFS" series utilizes a specific construction method to ensure stability and longevity: 1. **Ceramic Substrate:** High-purity alumina ($Al_2O_3$) serves as the base. 2. **Platinum Layer:** A thin film of platinum is sputtered onto the substrate and laser-trimmed to the exact resistance (e.g., 100 $\Omega$). 3. **Glass Encapsulation:** A protective glass layer covers the platinum film to shield it from oxidation and mechanical damage. 4. **Lead Connections:** The wires are welded to the contact pads and reinforced with high-temperature glass. --- ### 3. Key Electronic Advantages * **Linearity:** Unlike thermistors, RTDs provide a highly linear relationship between resistance and temperature. * **Stability:** Platinum is a noble metal, meaning the sensor's resistance values do not "drift" significantly over time. * **Interchangeability:** Due to the Class A tolerance, sensors can be replaced without recalibrating the entire circuit. --- ### 4. Typical Application Circuit RTDs are passive devices and require an excitation current. To prevent "self-heating," the current is usually kept under **1mA**. ```cpp // Example: Basic logic for reading an RTD via an ADC float voltage = readADC(channel); float current = 0.001; // 1mA excitation float resistance = voltage / current; // Callendar-Van Dusen equation (simplified) float temperature = (resistance - 100) / 0.385; ``` --- ### 5. Part Number Identification (Breakdown) | Segment | Meaning | | :--- | :--- | | **MFS** | Manufacturer Series (Micro-sensor/Thin-film) | | **P** | Platinum Element | | **A** | Accuracy Class (Class A) | | **44** | Physical Size/Dimensions code | | **R** | Packaging (e.g., Reel or Radial Leads) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class A and Class B accuracy for this sensor?
    • ⤷ What is the maximum recommended excitation current to avoid self-heating errors?
    • ⤷ Can this sensor be used in a 3-wire or 4-wire configuration?