전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MFS-P-A44-R/Q

  • AI
    The **MFS-P-A44-R/Q** is a high-precision magnetic proximity sensor (safety switch) typically manufactured by brands like **Schmersal** or **Bernstein**. It is designed for monitoring the position of sliding, hinged, or removable safety guards in industrial environments. Below is the technical breakdown of its electronic components and characteristics. --- ### 1. General Specifications | Attribute | Specification | | :--- | :--- | | **Technology** | Magnetic Reed/Hall Effect (Non-contact) | | **Output Configuration** | 2 NC (Normally Closed) / 1 NO (Normally Open) | | **Connection Type** | M12 Connector (Q) or Hardwired Cable (R) | | **Protection Class** | IP67 / IP69K | | **Housing Material** | Thermoplastic / Stainless Steel (optional) | --- ### 2. Internal Electronic Parts & Logic The device operates on electromagnetic induction principles. Unlike a standard mechanical switch, it contains no physical moving parts visible on the exterior, which prevents mechanical wear. #### A. The Magnetic Sensing Element * **Reed Contacts:** Most versions use hermetically sealed reed switches that react to the presence of a coded magnetic actuator. * **Coded Logic:** The electronics are "coded," meaning the switch will only respond to a specific magnetic field pattern from the designated actuator. This prevents tampering with simple magnets. #### B. The Output Stages The "A44" designation typically refers to the contact configuration: * **Safety Channels (NC):** Two independent circuits that open when the safety guard is moved. * **Signaling Channel (NO):** A third circuit used for PLC feedback or status LEDs to indicate whether the gate is open or closed. #### C. Connector Interface (The "Q" suffix) * The **Q** version features an integrated **M12 plug connector**. * Internal wiring is gold-plated to ensure low contact resistance and prevent oxidation in humid industrial environments. --- ### 3. Circuit Integration In a safety circuit, the MFS-P-A44-R/Q is usually wired to a **Safety Relay** or a **Fail-safe PLC**. ```mermaid graph LR A[Actuator] -- Magnetic Field -- B[MFS Sensor] B -- Signal 1 (NC) -- C[Safety Relay] B -- Signal 2 (NC) -- C B -- Status (NO) -- D[PLC/HMI] ``` ### 4. Key Electronic Advantages 1. **Switching Distance:** Typically operates at a distance of 8mm (Sao) and ensures disconnection at 18mm (Sar). 2. **Galvanic Isolation:** Since it is a reed-based or dry contact system, it provides physical separation between the control voltage and the sensing logic. 3. **Voltage Rating:** Usually rated for **24 VDC**, though it can handle up to 100V AC/DC depending on the specific sub-model. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M12 connector on this model?
    • ⤷ Which safety actuator is compatible with the MFS-P-A44 series?
    • ⤷ Can this sensor be used in explosive (ATEX) environments?