전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MGP50P-R10-D

  • AI
    The **MGP50P-R10-D** is a precision metal film resistor, typically manufactured by companies like **RCD Components**. It is designed for high-stability applications where tight tolerances and low temperature coefficients are required. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific electronic characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **MGP50** | Series/Size | Miniature Metal Film Resistor (usually 1/2 Watt rating). | | **P** | Temperature Coefficient | Indicates a ±25 ppm/°C stability rating. | | **R10** | Resistance Value | **0.10 $\Omega$** (The 'R' acts as a decimal point). | | **D** | Tolerance | **±0.5%** Precision tolerance. | --- ### 2. Technical Specifications The MGP series is known for its "Military Grade" performance in a commercial package. Below are the key technical parameters: * **Resistance:** 0.1 Ohm ($\Omega$). * **Power Rating:** 0.5 Watts (1/2W) at 70°C. * **Tolerance:** ±0.5% (This makes it a precision resistor). * **Temperature Coefficient (TCR):** ±25 ppm/°C (Very low drift over temperature changes). * **Construction:** Metal film deposited on a high-grade ceramic core, protected by a moisture-resistant coating. * **Mounting Type:** Through-hole (Axial leads). --- ### 3. Key Electronic Functions Because this is a **low-resistance, high-precision** component, it is typically used for specific roles in a circuit: #### A. Current Sensing Due to the 0.1 $\Omega$ value, this resistor is often used as a "shunt" to measure current. By measuring the voltage drop across it ($V = I \times R$), a microcontroller can determine the current flowing through a circuit. #### B. Feedback Loops In precision power supplies or instrumentation amplifiers, the 0.5% tolerance ensures that the gain or output voltage remains highly accurate. #### C. Temperature Stability The **P** rating (25 ppm) ensures that as the device heats up during operation, the resistance value stays almost constant, preventing "thermal drift" in sensitive electronics. --- ### 4. Comparison with Standard Resistors Standard resistors (like the common 5% carbon film types) differ significantly from the MGP50P-R10-D: | Feature | Standard Resistor | MGP50P-R10-D | | :--- | :--- | :--- | | **Accuracy** | ±5% | ±0.5% | | **Stability** | High Drift (200+ ppm) | Ultra-low Drift (25 ppm) | | **Noise** | Higher Thermal Noise | Low Noise (Metal Film) | | **Application** | General Purpose | Precision / Measurement | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for the MGP50 series?
    • ⤷ How does the 'P' temperature coefficient compare to the 'T' or 'S' ratings?
    • ⤷ Can this resistor be used in high-frequency RF applications?