AI

The **MGP50P-R100-D** is a specialized electronic component, specifically a **High-Precision Power Metal Film Resistor**. It is designed for applications where high stability, low resistance, and high power dissipation are required.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Power Metal Film Resistor |
| **Resistance Value** | 0.1 $\Omega$ (R100) |
| **Tolerance** | $\pm 0.5\%$ (D) |
| **Power Rating** | 0.5 Watts (at 70°C) |
| **Series** | MGP50 (Miniature Power) |
| **Termination Style** | Axial Leaded |
| **Temperature Coefficient** | Usually ±50ppm/°C or ±100ppm/°C (Series dependent) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific electronic behavior of this part:
* **MGP50**: The series identifier. "MGP" denotes a Miniature Power Metal Film resistor, and "50" typically indicates the power rating (0.5W).
* **P**: Often indicates a specific lead style or coating (Standard Power).
* **R100**: The resistance value. In electronic coding, "R" acts as the decimal point. Therefore, **R100 = 0.100 $\Omega$**.
* **D**: The tolerance code. **D represents ±0.5%**. This signifies a high-precision component compared to standard ±5% resistors.
---
## 3. Key Electronic Characteristics
### Low Resistance Value
At **0.1 $\Omega$**, this resistor is primarily used for **current sensing**. By measuring the voltage drop across this resistor ($V = I \times R$), a circuit can determine the amount of current flowing through a branch without significantly impeding the flow.
### Metal Film Technology
Unlike carbon film, metal film resistors offer:
* **Lower Noise:** Reduced thermal and current noise.
* **Better Stability:** Resistance remains stable across varying temperatures and voltages.
* **Precision:** Allows for the tight 0.5% tolerance.
### Power Dissipation
Despite its small physical size (miniature), it is rated for **0.5 Watts**. It is designed to handle more heat than a standard 1/4W resistor, making it suitable for power supply circuits.
---
## 4. Typical Applications
1. **Current Shunt:** Used in DC-DC converters to monitor output current.
2. **Feedback Loops:** Used in precision power supplies to maintain voltage regulation.
3. **Audio Equipment:** Used in the output stages of amplifiers where low noise and high stability are critical.
4. **Battery Management Systems (BMS):** Measuring charge and discharge rates.
---
- ⤷
What is the physical size/dimensions of the MGP50 series package?
- ⤷ Can this resistor be used in high-frequency pulse applications?
- ⤷ What are the alternative tolerance codes for the MGP series?