전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH11FAD-R

  • AI
    The **MH11FAD-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These components are widely used in high-reliability applications where stability, low noise, and precise resistance values are critical. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series (often associated with manufacturers like **Viking Tech** or **Susumu**), here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Resistor Type** | Thin Film (Metal Film) | | **Tolerance** | Typically ±0.05% to ±1% (Precision) | | **Temperature Coefficient (TCR)** | Low (often 10ppm/°C to 50ppm/°C) | | **Package Size** | SMD (Surface Mount Device) | | **Operating Temperature** | -55°C to +155°C | | **Stability** | Extremely high over long-term use | --- ### 2. Core Features * **Thin Film Technology:** Unlike thick film resistors, thin film resistors are created by vacuum-depositing a resistive layer onto a ceramic substrate. This results in much higher accuracy and lower noise. * **Low Noise:** Due to the uniform structure of the film, these parts exhibit very low current noise, making them ideal for audio and sensitive measurement circuits. * **Tight Tolerance:** The "F" or "A" in the part numbering often refers to a specific tolerance level (e.g., F = ±1%), ensuring the resistance stays very close to the nominal value. * **Sulfur Resistance:** Many parts in this specific series are designed to be "Anti-Sulfur," preventing corrosion in harsh industrial environments. --- ### 3. Common Applications Due to its precision nature, the MH11FAD-R is commonly found in: 1. **Medical Equipment:** High-accuracy diagnostic tools. 2. **Instrumentation:** Multimeters, scales, and laboratory testing gear. 3. **Telecommunications:** Base stations and high-speed data transmission. 4. **Automotive Electronics:** Engine control units (ECU) and sensor interfaces. --- ### 4. Comparison: Thin Film vs. Thick Film | Feature | Thin Film (MH11 Series) | Thick Film (Standard) | | :--- | :--- | :--- | | **Accuracy** | High (Up to 0.01%) | Moderate (1% - 5%) | | **TCR** | Low (Stable with heat) | High (Varies with heat) | | **Cost** | Higher | Lower | | **Noise** | Minimal | Noticeable | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value and power rating for the MH11FAD-R?
    • ⤷ Which manufacturer produces the MH11FAD-R series?
    • ⤷ How does the 'R' suffix at the end of the part number affect packaging?