전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH12FBD-R

  • AI
    The **MH12FBD-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by companies like *NCR (NNC)* or similar industrial relay providers. These components are designed for switching power loads in automation and control systems. --- ### 1. Technical Specifications The following table highlights the general electrical and physical characteristics of the MH12FBD-R: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Miniature Intermediate Power Relay | | **Contact Configuration** | 2PDT (2 Form C) | | **Coil Voltage** | 12V DC (indicated by the "12") | | **Contact Rating** | 5A to 10A (Model dependent) | | **Mounting Type** | PCB (Printed Circuit Board) or Socket Mount | | **Housing** | Dust-proof or Flux-tight plastic casing | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific functionality of the part: * **MH**: Series code for Miniature High-capacity/Intermediate relays. * **12**: Represents the **Coil Voltage** (12 Volts Direct Current). * **F**: Often denotes the enclosure type (e.g., F = Flux proof / Sealed). * **BD**: Contact material or specific load rating designation. * **R**: Generally indicates high sensitivity or a specific RoHS compliance/ribbon configuration. --- ### 3. Internal Components & Construction The MH12FBD-R consists of several key electronic and mechanical parts: 1. **Electromagnetic Coil**: A copper wire winding around a core. When 12V DC is applied, it creates a magnetic field. 2. **Armature**: The moving part that is attracted by the magnetic field of the coil. 3. **Spring Mechanism**: Returns the armature to its original position once power is removed from the coil. 4. **Contacts**: Usually made of **Silver Alloy (AgNi or AgSnO2)** to resist arcing and welding during high-current switching. 5. **Terminals**: High-conductivity pins designed for soldering onto a PCB or plugging into a DIN-rail socket. --- ### 4. Typical Applications Because of its small footprint and reliable switching, this relay is commonly used in: * **Industrial Control Panels**: For signal multiplication or isolation. * **Household Appliances**: Controlling motors or heating elements. * **HVAC Systems**: Switching fans and compressors. * **Automotive Electronics**: 12V auxiliary power switching. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the MH12FBD-R?
    • ⤷ Can this relay be used with an AC coil voltage?
    • ⤷ What is the difference between the 'F' and 'S' versions of this relay series?