전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH12FBG-R

  • AI
    The **MH12FBG-R** is a specific electronic component typically identified as a **tactile switch** (often categorized under micro-switches or push-buttons) produced by various specialized manufacturers. These switches are commonly used in consumer electronics, automotive controls, and industrial interfaces. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the technical parameters generally include: | Parameter | Typical Value | | :--- | :--- | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Circuit Type** | Normally Open (NO) | | **Current Rating** | 50mA | | **Voltage Rating** | 12V DC | | **Actuation Force** | 160gf to 250gf (depending on specific R-rating) | | **Mounting Type** | Through-hole (DIP) or Surface Mount (SMD) | | **Travel** | 0.25mm ± 0.1mm | --- ### 2. Breakdown of the Model Name While manufacturers vary slightly, the alphanumeric code usually breaks down as follows: * **MH12**: Refers to the series size (often a 12x12mm square base). * **F**: Likely indicates the height of the plunger (actuator). * **BG**: Often refers to the plating material (e.g., Gold or Silver plated contacts) or specific housing color. * **-R**: Generally indicates **RoHS Compliance** or specific **Tape & Reel** packaging for automated assembly. --- ### 3. Structural Composition The switch is composed of four main electronic/mechanical parts: 1. **The Cover:** Usually made of stainless steel or high-temperature plastic to protect the internal mechanism. 2. **The Plunger:** The physical button pressed by the user. In the MH12 series, this is designed for high durability (often rated for 100,000+ cycles). 3. **The Contact Dome:** A snap-action spring (usually phosphor bronze or stainless steel) that provides tactile feedback and completes the electrical circuit. 4. **The Base/Terminal:** The housing that holds the pins to be soldered onto the PCB. --- ### 4. Common Applications Due to its 12mm footprint and reliable tactile response, this part is frequently found in: * **Household Appliances:** Microwave control panels, washing machines. * **Operating Panels:** Industrial CNC machines or PLC interfaces. * **Office Equipment:** Printers and photocopiers. * **Automotive:** Dashboard buttons and steering wheel controls. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the MH12FBG-R?
    • ⤷ Is there a waterproof (IP-rated) version of this switch?
    • ⤷ What is the mechanical life expectancy in terms of press cycles?