전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH12FCD-R

  • AI
    The **MH12FCD-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by companies like **Meishuo**. These components are widely used in automation, household appliances, and industrial controls to switch higher current loads using a small control signal. --- ### 1. Key Technical Specifications Based on the standard datasheet for the MH12 series, here are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | 12V DC | | **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) | | **Max Switching Current** | 12A to 15A (Depending on specific load) | | **Max Switching Voltage** | 250VAC / 30VDC | | **Contact Material** | Silver Alloy (e.g., AgSnO2 or AgNi) | | **Mounting Type** | PCB (Through-hole) | | **Termination** | Solder Pins | --- ### 2. Breakdown of the Model Code The alphanumeric string "MH12FCD-R" describes the physical and electrical construction of the part: * **MH**: Series designation (Miniature High-power relay). * **12**: Nominal Coil Voltage (12 Volts DC). * **F**: Insulation System (usually Class F, rated for higher temperatures). * **C**: Contact Form (C = SPDT; it has a Common, Normally Open, and Normally Closed pin). * **D**: Sealed type (Dust-protected or Wash-tight construction). * **-R**: RoHS Compliance (indicates the part is lead-free and environmentally compliant). --- ### 3. Internal Components and Functionality The MH12FCD-R consists of several critical electronic and mechanical parts: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when 12V DC is applied. 2. **Armature:** A moving iron component attracted by the coil's magnetic field. 3. **Spring Mechanism:** Returns the armature to its original position once power is removed from the coil. 4. **Contacts:** The actual switching points. Because it is a "Form C" relay, it features three contact points: * **COM (Common):** The moving terminal. * **NO (Normally Open):** Connects to COM only when the relay is energized. * **NC (Normally Closed):** Connects to COM by default when power is off. --- ### 4. Typical Applications * **Smart Home:** Controlling lights, fans, or heaters via a microcontroller (like an Arduino or ESP32) with a transistor driver. * **Automotive:** Powering auxiliary lights or small motors. * **Industrial:** Interface relays between PLC outputs and heavy machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the 12V coil in this relay?
    • ⤷ Can this relay be triggered directly by a microcontroller GPIO pin?
    • ⤷ What is the difference between Form C and Form A contact configurations?