전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH12TAD-R

  • AI
    The **MH12TAD-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch). These are momentary push-button switches commonly used in consumer electronics, industrial controls, and PCB designs where a physical click feedback is required. --- ## Technical Specifications Below is a breakdown of the typical characteristics for this class of electronic part: | Feature | Specification | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Through-hole (THT) or Surface Mount (SMD) * | | **Contact Form** | SPST (Single Pole Single Throw) - Normally Open | | **Actuation Force** | Usually ranges from 160gf to 250gf | | **Travel** | Approx. 0.25mm | | **Current Rating** | 50mA @ 12V DC | | **Dielectric Strength** | 250V AC for 1 minute | *\*Note: The "R" suffix often indicates "Right Angle" mounting or "Tape & Reel" packaging depending on the specific manufacturer's nomenclature.* --- ## Key Components and Materials Anatomy of the MH12TAD-R switch: 1. **Actuator (Button):** The top part that the user presses. In this model, it is often made of heat-resistant plastic. 2. **Cover/Frame:** A metal or plastic housing that holds the internal components together. 3. **Contact Dome:** A snap-action metal disc (usually stainless steel or copper alloy) that provides the "click" feel and completes the electrical circuit when depressed. 4. **Base:** The insulating body containing the terminals. 5. **Terminals:** Silver-plated pins used for soldering the part to a circuit board. --- ## Applications The MH12TAD-R is frequently found in: * **Consumer Electronics:** Volume buttons, power switches on small appliances. * **Computer Peripherals:** Reset buttons on routers or motherboards. * **Instrumentation:** Menu navigation buttons on digital multimeters or oscilloscopes. * **Industrial:** Interface panels for machine control. --- ## Installation Considerations * **Soldering:** Ensure the soldering temperature does not exceed 260°C for more than 5 seconds to prevent melting the internal plastic base. * **Orientation:** As a tactile switch, it usually has four pins, but these are often internally connected in pairs. Check the datasheet to ensure correct orientation on the PCB traces.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension (footprint) of the MH12TAD-R?
    • ⤷ Does this switch come in different actuation force variants?
    • ⤷ What is the expected mechanical life cycle (number of presses) for this part?