전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH12TCG-R

  • AI
    The **MH12TCG-R** is a specific model identifier typically associated with **Electromechanical Power Relays**, commonly manufactured by brands like **Fujitsu** (formerly Takamisawa). These components are essential in automation, automotive, and industrial control systems for switching high-current loads using a low-power signal. --- ## 1. Technical Specifications The following table outlines the general technical characteristics of the MH series (specifically the 12V DC variant): | Feature | Specification | | :--- | :--- | | **Coil Voltage** | 12V DC | | **Contact Arrangement** | 2 Form C (DPDT - Double Pole Double Throw) | | **Contact Material** | Gold-overlay silver alloy | | **Max. Switching Current** | 1A to 2A (depending on load type) | | **Max. Switching Voltage** | 125V AC / 60V DC | | **Mounting Type** | Through-Hole (PCB Mount) | | **Construction** | Sealed (Washable) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps identify the exact features of the component: * **MH**: Series designation (Miniature High-Efficiency Relay). * **12**: Specifies the **12V DC** nominal coil voltage. * **T**: Often indicates the contact material or specific thermal endurance rating. * **CG**: Refers to the "Gold-plated" contacts, which are ideal for low-level signal switching to prevent oxidation. * **R**: Generally denotes the packaging style (e.g., "Reel" for automated assembly) or a specific RoHS compliance revision. --- ## 3. Key Electronic Functions ### A. Isolation The MH12TCG-R provides electrical isolation between the control circuit (the 12V coil side) and the load circuit. This protects sensitive microcontrollers from high-voltage spikes or AC loads. ### B. Signal Switching Due to the **CG** (Gold-plated) designation, this relay is highly effective for "dry circuits" (very low current signals). Gold prevents the buildup of contact resistance that occurs with standard silver contacts. ### C. DPDT Logic As a **2 Form C** relay, it contains two separate sets of change-over contacts. This allows a single signal to: 1. Switch two different loads simultaneously. 2. Reverse the polarity of a small DC motor. --- ## 4. Common Applications * **Telecommunications:** Signal routing in exchange equipment. * **Security Systems:** Triggering alarms or control panels. * **Medical Equipment:** Isolated signal switching in diagnostic tools. * **Test & Measurement:** Switching inputs in multimeters or oscilloscopes.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MH12TCG-R from other manufacturers?
    • ⤷ What is the power consumption of the 12V coil in this relay?
    • ⤷ Can this relay be used to switch 220V AC mains power safely?