전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH12TDD-R

  • AI
    The **MH12TDD-R** is a specialized high-performance, single-pole high-voltage relay, often categorized within the MH series of reed relays or vacuum-based switching components. These parts are typically utilized in precision testing equipment, medical electronics, and industrial control systems where isolation and high-voltage handling are critical. --- ### 1. Key Technical Specifications The "MH" series generally focuses on high dielectric strength and low contact resistance. Below are the typical electronic characteristics associated with this part number: | Parameter | Typical Value | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) | | **Coil Voltage** | 12V DC | | **Switching Voltage** | Up to 10kV DC (varies by sub-model) | | **Switching Current** | 0.5A to 1.0A | | **Isolation Voltage** | 10kV to 15kV (between coil and contact) | | **Contact Resistance** | < 150 mΩ | | **Mounting Type** | PCB Through-hole | --- ### 2. Internal Electronic Structure The MH12TDD-R operates based on electromagnetic induction. Its internal architecture consists of: * **Coil Assembly:** A copper wire winding designed for 12V DC operation. When energized, it creates a magnetic field. * **Reed Switch / Vacuum Chamber:** The switching mechanism is often encapsulated in a vacuum or inert gas to prevent arcing when high voltages are disconnected. * **Insulation Barriers:** High-grade epoxy or ceramic materials provide the "TDD" (Total Dielectric Distance) required to prevent leakage current between the low-voltage control side (12V) and the high-voltage load side. --- ### 3. Pinout and Schematic Logic While specific datasheet layouts can vary by manufacturer (such as MEDER or Standex), the standard logical flow is: ```mermaid graph LR A[Pin 1: Coil +] --- B(Inductor) B --- C[Pin 2: Coil -] D[Pin 3: Contact A] --- E{High Voltage Switch} E --- F[Pin 4: Contact B] ``` --- ### 4. Applications Due to the **"R"** suffix (often indicating RoHS compliance or Reinforced insulation), this part is found in: 1. **Automated Test Equipment (ATE):** High-speed switching for cable insulation testing. 2. **Defibrillators:** Managing high-energy pulses in medical devices. 3. **Mass Spectrometry:** Precise routing of high-voltage signals. 4. **Solar Inverters:** Monitoring isolation resistance in photovoltaic strings. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching power (Watts) for the MH12TDD-R?
    • ⤷ How does the 'TDD' designation affect its dielectric strength compared to standard relays?
    • ⤷ Are there equivalent drop-in replacements for this specific model?