전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH13TCG-R

  • AI
    The **MH13TCG-R** is an electronic component primarily classified as a **Precision Temperature Compensated Crystal Oscillator (TCXO)**, often utilized in high-stability frequency control applications. It is part of a specialized series (likely associated with manufacturers like Mercury Electronic or similar frequency control specialists) designed for low-power and high-accuracy performance. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic parameters associated with this part: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Frequency Range** | Usually ranges between 10 MHz to 52 MHz (Fixed) | | **Supply Voltage ($V_{dd}$)** | 1.8V to 3.3V DC | | **Output Waveform** | Clipped Sine Wave or CMOS | | **Frequency Stability** | $\pm$0.5 ppm to $\pm$2.5 ppm over temperature | | **Operating Temp** | -30°C to +85°C (Standard Industrial) | | **Package Size** | 2.0 x 1.6 mm or 2.5 x 2.0 mm (SMD) | --- ### 2. Functional Description The "MH13" series is engineered to provide a stable clock signal despite fluctuations in ambient temperature. * **Internal Compensation:** Unlike standard crystals, this part contains a compensation network (analog or digital) that adjusts the crystal's frequency to counteract its natural temperature drift. * **The "-R" Suffix:** In electronic part numbering, the "-R" suffix usually denotes **RoHS Compliance** (Lead-free) or indicates that the part is supplied on **Tape and Reel** for automated pick-and-place assembly. * **Low Phase Noise:** It is designed to minimize "jitter," making it suitable for sensitive RF (Radio Frequency) communication. --- ### 3. Application Use Cases This component is commonly found in circuits where timing precision is critical: 1. **GNSS/GPS Modules:** Used to provide the reference clock for satellite signal acquisition. 2. **Wireless Communications:** Essential for WiFi, Bluetooth, and LTE modules to maintain channel alignment. 3. **IoT Devices:** Ideal for battery-operated sensors that require high stability in a small footprint. 4. **Smartphones:** Used in the RF transceiver stage. --- ### 4. Comparison: TCXO vs. Standard Crystal | Feature | MH13TCG-R (TCXO) | Standard Quartz Crystal | | :--- | :--- | :--- | | **Stability** | Very High (ppm range) | Moderate | | **Power Req.** | Needs Power Supply | Passive (No power) | | **Circuitry** | Integrated IC + Crystal | Requires External Caps/Inverter | | **Cost** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the MH13TCG-R?
    • ⤷ How does the clipped sine wave output differ from a standard CMOS output?
    • ⤷ What is the typical current consumption of this TCXO during operation?