전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH18FDG-R

  • AI
    The **MH18FDG-R** is a specialized electronic component, typically categorized as a **High-Voltage Rectifier Diode** (often used in microwave ovens and industrial high-frequency power supplies). --- ### 1. Technical Specifications The "FDG" series is known for its high-speed switching capabilities and high peak reverse voltage ratings. Below are the typical characteristics associated with this part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 18,000V (18kV) | | **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA | | **Forward Voltage Drop ($V_{F}$)** | Approx. 25V - 35V | | **Reverse Recovery Time ($t_{rr}$)** | ~100ns (Fast Recovery) | | **Operating Temperature** | -40°C to +130°C | --- ### 2. Key Electronic Features #### A. High Voltage Stacking Inside the MH18FDG-R, there isn't just one PN junction. Because a single silicon wafer cannot withstand 18kV, the device consists of **multiple diode chips stacked in series** and encapsulated in a high-insulation epoxy resin. #### B. Fast Recovery (FDG Designation) The "FDG" designation often refers to its "Fast Recovery" characteristic. In high-frequency power supplies (like those in modern inverter microwaves), the diode must switch on and off thousands of times per second. Standard diodes are too slow and would overheat; fast recovery diodes minimize power loss during these transitions. #### C. Avalanche Protection These diodes are usually designed with avalanche breakdown characteristics, allowing them to handle brief transient voltage spikes without permanent failure. --- ### 3. Application and Usage This component is primarily found in high-voltage DC sections of electronic circuits: 1. **Microwave Ovens:** Used in the voltage doubler circuit to provide the high DC voltage (approx. 4kV+) required by the Magnetron. 2. **X-Ray Power Supplies:** Used in the rectification stage for medical or industrial imaging. 3. **Electrostatic Air Purifiers:** To generate the high-voltage field required to ionize dust particles. 4. **Laser Power Supplies:** Specifically for CO2 lasers that require high starting voltages. --- ### 4. Safety and Testing Note > **Warning:** Due to the high internal forward voltage drop (~25V), you **cannot** test this diode using a standard Multimeter "Diode Test" mode (which usually only provides 2V-3V). To test an MH18FDG-R, you must use a 9V or 12V battery in series with a resistor and measure the voltage drop, or use a specialized high-voltage insulation tester.
    ✨ Follow-up Questions
    • ⤷ How do I build a circuit to test a high-voltage diode safely?
    • ⤷ What is the difference between the MH18FDG-R and a standard 1N4007 diode?
    • ⤷ Why does the forward voltage drop of this diode seem so high compared to others?