전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH18TAD-R

  • AI
    The **MH18TAD-R** is an infrared (IR) receiver module commonly used in remote control systems. It is part of the "MH" series, which are designed to receive modulated IR signals (usually at 38kHz) and convert them into digital electrical signals for microcontrollers. --- ### 1. Key Technical Specifications | Parameter | Specification (Typical) | |:---|:---| | **Operating Voltage** | 2.7V to 5.5V DC | | **Carrier Frequency** | 38 kHz (Standard for most IR remotes) | | **Reception Distance** | Up to 15 - 18 Meters | | **Reception Angle** | ± 45 Degrees | | **Output Logic** | Active Low (Digital) | | **Current Consumption** | ~0.5 mA (Low power) | --- ### 2. Pin Configuration The module typically features three pins. Looking at the front (the side with the "bulb" or lens), the pinout is usually as follows: 1. **OUT (Signal):** Connects to the digital input of a microcontroller (like Arduino, ESP32). 2. **GND (Ground):** Connects to the common ground of the circuit. 3. **VCC (Power):** Connects to the positive supply voltage (typically 3.3V or 5V). --- ### 3. Functional Features * **Internal Filter:** It contains a built-in PCM (Pulse Code Modulation) frequency filter and a pre-amplifier. * **High Noise Immunity:** Designed to suppress noise from ambient light sources (like sunlight or fluorescent bulbs) and electromagnetic interference (EMI). * **TTL/CMOS Compatibility:** The output signal can be directly interfaced with logic gates or microcontrollers without additional level shifting. --- ### 4. Typical Application Circuit When integrating the MH18TAD-R, it is recommended to use a simple RC filter on the VCC line to ensure signal stability. ```cpp // Basic Arduino code snippet to read the IR signal #include const int RECV_PIN = 11; // Signal pin connected to D11 IRrecv irrecv(RECV_PIN); decode_results results; void setup() { Serial.begin(9600); irrecv.enableIRIn(); // Start the receiver } void loop() { if (irrecv.decode(&results)) { Serial.println(results.value, HEX); // Print code to Serial Monitor irrecv.resume(); // Receive the next value } } ``` --- ### 5. Common Uses * **Consumer Electronics:** TV sets, Air conditioners, and DVD players. * **Smart Home:** Remote-controlled lights and fans. * **Robotics:** Wireless control of mobile robots using standard TV remotes.
    ✨ Follow-up Questions
    • ⤷How do I troubleshoot if the MH18TAD-R is not receiving signals?
    • ⤷ What is the difference between a 38kHz and 56kHz IR receiver?
    • ⤷ Can I use this module with a 3.3V microcontroller like the ESP32?