전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH18TCD-R

  • AI
    The **MH18TCD-R** is a specific infrared (IR) receiver module commonly used in remote control systems. It is an integrated component designed to receive modulated IR signals (usually at 38kHz) and convert them into digital electrical signals. --- ### 1. Component Specifications The following table outlines the typical technical parameters for the MH18TCD-R: | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage (Vcc)** | 2.7V to 5.5V | | **Carrier Frequency** | 38 kHz | | **Supply Current** | 0.4 mA to 1.5 mA | | **Reception Distance** | Up to 15 - 18 Meters | | **Reception Angle** | ± 45 Degrees | | **Output Level** | Active Low (Logic 0 when signal detected) | --- ### 2. Pin Configuration The module typically features three pins. Looking at the front of the sensor (the side with the bulbous lens): 1. **OUT (Signal):** Connects to the microcontroller (MCU) input pin. 2. **GND (Ground):** Connects to the 0V/Ground of the circuit. 3. **VCC (Power):** Connects to the positive power supply (usually 3.3V or 5V). --- ### 3. Key Internal Features The MH18TCD-R is more than just a phototransistor; it contains several internal stages to ensure reliable communication: * **Photodiode:** Converts infrared light into a small electrical current. * **Preamplifier:** Boosts the weak signal from the photodiode. * **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise (like sunlight or fluorescent bulbs). * **Band Pass Filter:** Specifically tuned to **38kHz**, ensuring it only responds to signals from a remote control and ignores constant IR sources. * **Demodulator:** Removes the 38kHz carrier wave and outputs the clean square-wave data. --- ### 4. Application Example (Arduino) To use this part in an electronic project, you would connect it as follows: ```cpp // Basic code snippet to read IR signal int irPin = 2; // Connected to OUT pin void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { Serial.println("IR Signal Detected!"); } } ``` --- ### 5. Common Use Cases * **Consumer Electronics:** TV, DVD players, and Air Conditioning units. * **Robotics:** Obstacle detection or remote-controlled movement. * **Home Automation:** Controlling lights or fans via standard IR remotes.
    ✨ Follow-up Questions
    • ⤷How do I filter out noise from the power supply for this IR receiver?
    • ⤷ What is the difference between the 38kHz and 56kHz versions of this part?
    • ⤷ Can this module be used for high-speed data transmission?