전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH21TDD-R

  • AI
    The **MH21TDD-R** is an industrial-grade **Solid State Relay (SSR)** manufactured by **Anly Electronics**. It is designed for high-frequency switching and long-term reliability in automation systems. --- ## 1. Core Technical Specifications Below are the primary electronic characteristics of the MH21TDD-R: | Feature | Specification | | :--- | :--- | | **Control Voltage (Input)** | 4 ~ 32 VDC | | **Load Voltage (Output)** | 5 ~ 220 VDC | | **Rated Load Current** | 10A (Note: Requires heat sink for high loads) | | **Switching Type** | DC to DC (MOSFET/Transistor output) | | **Isolation** | Photo-coupler (Optical Isolation) | | **Dielectric Strength** | Over 2500 VAC | --- ## 2. Key Electronic Components & Working Principle The internal circuitry of the MH21TDD-R is divided into three functional stages: ### A. Input Stage (Control) The input consists of an LED indicator and a current-limiting resistor. It accepts a wide DC range (4-32V), making it compatible with **TTL logic, PLCs, and microcontrollers** like Arduino or ESP32. ### B. Isolation Stage It uses an **Optical Coupler**. This converts the electrical input signal into light and back into an electrical signal. This ensures that the high-power DC load side is electrically separated from the low-power control side, protecting your controller from surges. ### C. Output Stage (Power Handling) Unlike AC SSRs that use TRIACs, the MH21TDD-R uses a **Power MOSFET** or **Power Transistor**. * **Low On-Resistance:** Minimizes heat generation. * **High Speed:** Can switch much faster than mechanical relays. --- ## 3. Physical Layout & Terminals | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 & 2** | **Load (Output)** | Connects to the DC power source and the device (e.g., DC Motor, Heater). | | **3 & 4** | **Input (Control)** | Connects to the control signal (3 is typically Positive +, 4 is Negative -). | --- ## 4. Application Precautions 1. **Polarity Matters:** Since this is a DC-DC relay, you must observe the correct polarity for both the input and the output. Reversing the output polarity can damage the internal components. 2. **Heat Management:** At currents above 5A, the unit generates significant heat. It must be mounted on an **Aluminum Heat Sink** with thermal paste. 3. **Flyback Protection:** If switching an inductive load (like a DC motor or solenoid), always place a **Flyback Diode** (e.g., 1N4007) across the load to prevent voltage spikes from destroying the SSR.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the MH21TDD-R?
    • ⤷ How do I calculate the required heat sink size for a 10A load?
    • ⤷ Can this relay be used to switch AC voltages if the input is DC?