전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH22FAD-R

  • AI
    Based on its technical specifications, the **MH22FAD-R** is a specific model of a **Brushless DC (BLDC) Cooling Fan**, typically manufactured by companies like Minebea (NMB) or similar industrial cooling suppliers. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ## Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | 12V DC (Standard) | | **Current Draw** | ~0.08A to 0.15A | | **Dimensions** | Approx. 22mm x 22mm x 10mm (Ultra-miniature) | | **Bearing Type** | Fluid Dynamic Bearing (FDB) or Dual Ball Bearing | | **Lead Wires** | 2-wire (Power/GND) or 3-wire (Tachometer/Sensor) | | **Housing Material** | Thermoplastic PBT (UL94V-0) | --- ## Key Electronic Components ### 1. Integrated Circuit (IC) Driver The heart of the MH22FAD-R is a small **Hall Effect IC**. This component detects the position of the permanent magnets on the rotor and switches the current in the stator coils. * **Function:** It eliminates the need for physical brushes, reducing friction and electrical noise. * **Protection:** Most modern drivers include **Locked Rotor Protection**, which cuts power if the fan is obstructed to prevent the coils from burning out. ### 2. Stator Coils (Electromagnets) Inside the frame are copper windings (stators). When the IC sends current through these coils, they create an electromagnetic field that pushes against the rotor's permanent magnets, causing rotation. ### 3. Commutation Logic Unlike AC fans, the MH22FAD-R uses **Electronic Commutation**. * It converts the DC input into a pulsed signal to keep the fan spinning. * The "R" suffix in the model name often denotes a specific electronic feature, such as a **Tachometer (Frequency Generator) output** or a **Locked Rotor Alarm**. ### 4. EMI Filtering Small capacitors and resistors are often mounted on the internal PCB to reduce **Electromagnetic Interference (EMI)**. This ensures that the high-frequency switching of the motor does not interfere with sensitive electronics nearby. --- ## Usage and Application Due to its small size (22mm), this part is commonly used in: * **Handheld Gimbal Stabilizers** (cooling the motors/processors). * **FPV Video Transmitters (VTX)**. * **Micro-projectors** or portable medical devices. * **Networking equipment** (SFP modules). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 3-wire version of this fan?
    • ⤷ Can this fan be controlled using Pulse Width Modulation (PWM)?
    • ⤷ How does a Fluid Dynamic Bearing differ from a standard Sleeve Bearing in this model?