전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH22FAG-R

  • AI
    The **MH22FAG-R** is an electromechanical component, specifically a **High-Frequency (RF) Coaxial Relay**. These devices are designed to switch high-frequency signals with minimal loss and high isolation, typically used in telecommunications, testing equipment, and radio broadcast systems. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of RF relays, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Relay Type** | Coaxial / RF Relay | | **Contact Configuration** | DPDT (Double Pole Double Throw) | | **Actuator Voltage** | Usually 12V or 24V DC (Model dependent) | | **Frequency Range** | DC to 1.0 GHz (Commonly used in HF/VHF/UHF) | | **Impedance** | 50 Ohms (Standard for RF) | | **Mounting Type** | PCB Mount or Through-Hole | --- ### 2. Functional Breakdown #### A. The Actuator (Coil) The "Moving" part of the relay is controlled by an internal electromagnetic coil. When voltage is applied to the coil pins, a magnetic field moves the internal armature to switch the RF signal path. #### B. RF Signal Path (Contacts) Unlike standard power relays, the MH22FAG-R is designed with specialized shielding. - **Low Insertion Loss:** It ensures that the signal strength does not drop significantly as it passes through the relay. - **High Isolation:** It prevents "leakage" of the signal from the active path to the inactive path, which is critical for preventing interference in radio circuits. #### C. Housing and Shielding The component is typically enclosed in a metal or specialized plastic casing to provide electromagnetic interference (EMI) protection. This is vital for maintaining signal integrity in sensitive RF environments. --- ### 3. Common Applications 1. **Transceiver Switching:** Switching an antenna between a transmitter and a receiver (T/R Switching). 2. **Signal Routing:** Directing high-frequency test signals in automated test equipment (ATE). 3. **Redundancy Systems:** Switching to a backup signal line if the primary line fails in telecommunications infrastructure. --- ### 4. Important Considerations for Use * **Switching Time:** Electromechanical relays are slower than solid-state switches (usually 10-20ms). * **Cycle Life:** Being mechanical, it has a finite number of operations (usually 1 million+ cycles). * **Power Handling:** Ensure the RF power (Watts) passing through the contacts does not exceed the rated limit to avoid "arcing" or welding the contacts.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for the 'R' suffix variant of this relay?
    • ⤷ How does this mechanical RF relay compare to a PIN diode switch?
    • ⤷ What are the pinout dimensions for PCB layout integration?