전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH23TAD-R

  • AI
    The **MH23TAD-R** is an infrared (IR) receiver module commonly used in remote control systems. It belongs to a family of miniaturized receivers that integrate a PIN photodiode and a preamplifier IC into a single package. --- ## 1. Technical Specifications The following table summarizes the key electronic characteristics of the MH23TAD-R: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.7V to 5.5V | | **Carrier Frequency** | Typically 38 kHz (industry standard) | | **Supply Current** | 0.5 mA to 1.5 mA | | **Reception Distance** | Up to 15–18 meters | | **Output Level** | Active Low (Logic 0 when signal detected) | | **Operating Temperature** | -20°C to +85°C | --- ## 2. Internal Components The module is more than just a light sensor; it is a complete signal processing unit consisting of: 1. **PIN Photodiode:** Converts the incoming infrared light pulses into electrical signals. 2. **Preamplifier:** Boosts the weak electrical signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to prevent interference from ambient light. 4. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38kHz) to filter out noise from sunlight or fluorescent bulbs. 5. **Demodulator:** Removes the carrier frequency and outputs the raw data bits. --- ## 3. Pin Configuration The device typically features three pins. While you should always verify with a specific datasheet, the standard layout is: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **OUT** | Data Output (connects to MCU/Arduino) | | 2 | **GND** | Ground (0V) | | 3 | **Vcc** | Power Supply (2.7V - 5.5V) | --- ## 4. Application Circuit To use the MH23TAD-R with a microcontroller (like an Arduino), a simple RC filter is recommended to ensure power stability. ```cpp // Basic Arduino code snippet to read IR pulses int irPin = 2; // Connect OUT pin to Digital Pin 2 void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { Serial.println("IR Signal Detected"); } } ``` --- ## 5. Key Features * **Low Power Consumption:** Suitable for battery-operated devices. * **High Immunity:** Protected against ambient light and electromagnetic interference (EMI). * **TTL/CMOS Compatibility:** The output can be directly connected to most microprocessors without extra components.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MH23TAD-R and a standard IR phototransistor?
    • ⤷ How do I calculate the specific resistor value for the Vcc filter?
    • ⤷ Can this module work with 455kHz carrier frequencies?