전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH27FCD-R

  • AI
    The **MH27FCD-R** is a specific electronic component, typically categorized as a **High-Voltage Rectifier Diode**, often found in the high-voltage circuits of microwave ovens. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The MH27FCD-R is designed to handle high-voltage spikes and convert AC to DC within high-frequency environments. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 12,000V (12kV) | | **Average Forward Current ($I_{F(AV)}$)** | 350mA - 450mA | | **Forward Voltage Drop ($V_F$)** | ~10V to 13V (at rated current) | | **Reverse Recovery Time ($t_{rr}$)** | Fast recovery (approx. 100ns) | | **Operating Temperature** | -40°C to +130°C | --- ## 2. Key Features and Construction The internal architecture of this diode is specialized for power electronics: * **Stacked Junctions:** Because a single silicon junction cannot withstand 12,000V, the MH27FCD-R consists of several diode chips stacked in series inside a single molded package. * **Fast Recovery:** It is designed to switch off quickly to minimize power loss, which is essential for the high-frequency switching power supplies found in modern microwave inverters. * **Molded Case:** Usually encased in high-insulation epoxy resin to prevent arcing across the terminals. --- ## 3. Applications This part is almost exclusively used in high-voltage power sections: 1. **Microwave Ovens:** It works alongside the high-voltage capacitor and transformer to double the voltage and rectify it for the Magnetron. 2. **X-Ray Power Supplies:** Used in low-power X-ray equipment requiring high DC voltage. 3. **Electrostatic Air Cleaners:** Used in the voltage multiplication stage. --- ## 4. Testing the Component Because the forward voltage drop is so high (~10V+), a standard digital multimeter in "Diode Test" mode **cannot** test this part accurately (most multimeters only output 2-3V). ### Proper Testing Method To verify if the part is functional, you must use a DC power supply and a resistor in series: ```text [DC Source (e.g. 12V-15V)] ---> [Resistor (1k Ohm)] ---> [MH27FCD-R] ---> [Ground] ``` * **Good Diode:** You will see a voltage drop across the diode. * **Shorted Diode:** Full source voltage passes through or shows 0 resistance in both directions. * **Open Diode:** No current flows in either direction. ---
    ✨ Follow-up Questions
    • ⤷What are the common failure symptoms of the MH27FCD-R in a microwave?
    • ⤷ Can I substitute the MH27FCD-R with a CL01-12 diode?
    • ⤷ Why does a standard multimeter fail to test high-voltage diodes?