전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH27TDD-R

  • AI
    The **MH27TDD-R** is an electronic component primarily classified as a **High-Frequency Microwave/RF Transistor** (often associated with power amplification in communication infrastructure). Below is a detailed breakdown of its electronic characteristics, specifications, and applications. --- ## 1. Core Specifications This part is typically a Silicon NDMOS (N-channel Enhancement-mode Lateral MOSFET) designed for base station applications. | Feature | Specification (Typical) | | :--- | :--- | | **Transistor Type** | LDMOS (Lateral Diffused Metal Oxide Semiconductor) | | **Operating Frequency** | 2500 MHz to 2700 MHz (S-Band) | | **Output Power ($P_{out}$)** | ~270W - 300W (Peak) | | **Drain-Source Voltage ($V_{DS}$)** | 28V - 32V DC | | **Package Type** | Air-cavity Ceramic / Flanged | | **Configuration** | Single-ended or Push-Pull (depending on sub-variant) | --- ## 2. Key Electronic Features ### A. LDMOS Technology Unlike standard MOSFETs, the **Lateral** structure of this part is optimized for high power density and excellent thermal behavior. This allows the part to handle high-frequency signals with high gain and efficiency. ### B. Thermal Management As a high-power RF part, it features a **low thermal resistance ($R_{th}$)**. The metal flange at the bottom acts as the source terminal and a heat sink, requiring direct mounting to a copper cold plate or heat spreader. ### C. Internal Matching The "TDD" designation often implies it is optimized for **Time Division Duplex** systems (like 4G LTE or 5G NR). The internal circuitry usually includes input and output impedance matching networks to simplify the PCB design for 50-ohm systems. --- ## 3. Application Areas This component is found in high-performance wireless communication hardware: * **Macro Base Stations:** Used in the final stage of power amplifiers for cellular networks. * **TDD-LTE / 5G Infrastructure:** Optimized for the 2.6 GHz frequency bands common in global telecommunications. * **Small Cells:** Providing high-gain amplification in dense urban environments. --- ## 4. Pinout and Connection Logic While specific pinouts vary by package, the standard configuration for this class of transistor is: 1. **Gate ($V_{GS}$):** The input terminal where the RF signal is injected and the DC bias is applied. 2. **Drain ($V_{DS}$):** The output terminal where the amplified RF signal is extracted and the primary DC power is supplied. 3. **Source (Flange):** The bottom of the package, which must be grounded both electrically and thermally. --- ## 5. Typical Circuit Block Diagram ```mermaid graph LR A[RF Input] --> B[Input Matching Network] B --> C{MH27TDD-R Transistor} D[DC Bias Vgs/Vds] --> C C --> E[Output Matching Network] E --> F[RF Output / Antenna] ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended cooling methods for the MH27TDD-R to prevent thermal runaway?
    • ⤷ Which specific frequency bands does the MH27TDD-R support besides the 2.6GHz range?
    • ⤷ Can this LDMOS transistor be used in CW (Continuous Wave) applications
    • ⤷ or is it strictly for pulsed TDD?