전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH32FBD-R

  • AI
    The **MH32FBD-R** refers to a high-performance, low-power microcontroller (MCU) developed by **MegaHunt (MegaHuntmicro)**. These chips are often used in secure payment systems, IoT devices, and industrial control applications. --- ## 1. Core Specifications The MH32FBD-R is built on a 32-bit architecture, typically leveraging the ARM Cortex-M series (often M0 or M4 depending on the specific sub-series). | Feature | Specification (General Range) | | :--- | :--- | | **Architecture** | 32-bit RISC | | **Operating Voltage** | 1.8V to 3.6V | | **Clock Speed** | Up to 108MHz - 120MHz | | **Flash Memory** | 128KB to 512KB (depending on variant) | | **SRAM** | 32KB to 64KB | | **Package Type** | LQFP (Low-profile Quad Flat Package) | --- ## 2. Key Peripheral Modules The "Electronic Parts" within the MCU consist of several integrated functional blocks: ### A. Communication Interfaces * **UART/USART:** For serial communication with sensors or debuggers. * **SPI/I2C:** For interfacing with external displays, memories, or EEPROMs. * **USB:** Often supports USB 2.0 Full Speed for data transfer. * **CAN Bus:** Integrated for automotive or industrial networking. ### B. Analog Components * **ADC (Analog-to-Digital Converter):** Usually 12-bit resolution for reading analog sensor data. * **DAC (Digital-to-Analog Converter):** For generating analog signals. * **Internal Temperature Sensor:** For thermal monitoring of the chip. ### C. Security and Crypto * **Hardware Encryption:** Supports AES, DES, and RSA. * **TRNG:** True Random Number Generator for secure key creation. * **Tamper Detection:** Pins designed to detect physical intrusion. --- ## 3. Pinout and Integration The "FBD" suffix usually indicates the package and pin configuration. ```c // Example: Basic GPIO Initialization for MH32 series void GPIO_Config(void) { // Enable peripheral clock RCC_APB2PeriphClockCmd(RCC_APB2Periph_GPIOA, ENABLE); GPIO_InitTypeDef GPIO_InitStructure; GPIO_InitStructure.GPIO_Pin = GPIO_Pin_0; GPIO_InitStructure.GPIO_Mode = GPIO_Mode_Out_PP; // Push-Pull Output GPIO_InitStructure.GPIO_Speed = GPIO_Speed_50MHz; GPIO_Init(GPIOA, &GPIO_InitStructure); } ``` --- ## 4. Common Applications Due to its balance of security and processing power, this component is found in: 1. **POS Terminals:** Secure transaction handling. 2. **Smart Locks:** Encryption-heavy access control. 3. **Industrial PLC:** Handling multiple I/O and communication protocols. 4. **Energy Meters:** High-precision data logging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MH32F and the MH32G series?
    • ⤷ Which development environment (IDE) is recommended for programming MegaHunt MCUs?
    • ⤷ How does the power consumption of MH32FBD-R compare to STM32 alternatives?