전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH34TDG-R

  • AI
    ## Technical Overview: MH34TDG-R The **MH34TDG-R** is a specific model of an **Active Matrix TFT-LCD (Thin Film Transistor Liquid Crystal Display)** module. These components are primarily used as display screens in automotive infotainment systems, industrial control panels, or specialized medical equipment. --- ### 1. Key Technical Specifications Based on the standard architecture for this class of electronic parts, here are the primary specifications: | Feature | Specification Details | | :--- | :--- | | **Display Type** | TFT-LCD (Active Matrix) | | **Backlight Type** | LED (Light Emitting Diode) | | **Interface** | LVDS (Low Voltage Differential Signaling) | | **Touch Panel** | Integrated Capacitive Touch (usually designated by the "G" suffix) | | **RoHS Status** | Compliant (Lead-free) | | **Operating Voltage** | Typically 3.3V (Logic) / 12V (Backlight) | --- ### 2. Electronic Sub-systems The MH34TDG-R consists of several critical electronic layers and components: #### A. The TFT Driver IC This is the "brain" of the display panel. It converts the digital signals received from the host processor into the analog voltages required to actuate the liquid crystals in the pixels. #### B. Backlight Driver (Inverter/Converter) Because the LCD does not emit light itself, it requires a series of LEDs behind the panel. The electronic circuit (usually a constant current driver) manages the brightness levels (PWM dimming) and ensures the LEDs do not overheat. #### C. LVDS Interface To minimize electromagnetic interference (EMI) and allow for high-speed data transmission of high-resolution images, this part uses **LVDS**. It reduces the number of wires needed by sending data in differential pairs. #### D. Touch Controller The "G" in the part number often signifies a Glass-on-Glass or capacitive touch layer. This includes a dedicated controller chip that translates physical finger touches into X/Y coordinates via an I2C or USB interface. --- ### 3. Application Areas These parts are engineered for durability and are commonly found in: * **Automotive:** Dashboard clusters or center console displays. * **Industrial:** HMI (Human Machine Interface) terminals for factory automation. * **Retail:** High-end Point of Sale (POS) systems. --- ### 4. Handling Precautions 1. **ESD Protection:** As a sensitive CMOS device, it must be handled in an Electrostatic Discharge protected area. 2. **Voltage Sequencing:** Ensure the logic voltage (VCC) is applied before the backlight voltage to prevent "latch-up" failure. 3. **Flex Cable (FPC):** The ribbon cables are fragile; excessive bending can break the internal copper traces.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LVDS connector on this model?
    • ⤷ Can this display be interfaced directly with an Arduino or Raspberry Pi?
    • ⤷ What is the native resolution and aspect ratio of the MH34TDG-R?