전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH35TDD-R

  • AI
    The **MH35TDD-R** is a specific model of a **Miniature High-Voltage DC-DC Converter**, typically manufactured by specialized power electronics companies like *Mornsun* or similar industrial component suppliers. These modules are designed to convert a low-level DC voltage into a stabilized, high-voltage DC output. --- ## 1. Technical Specifications Below is a breakdown of the primary electrical characteristics typically associated with the MH35 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 12V DC or 24V DC (nominal) | | **Output Voltage** | 0 to 3,500V DC (3.5kV) | | **Output Power** | ~2W to 5W (depending on specific sub-variant) | | **Control Interface** | Analog control (0-5V or 0-10V) | | **Isolation** | High Isolation (often up to 1.5kV - 3kV) | | **Operating Temperature** | -25°C to +70°C | --- ## 2. Key Electronic Components & Architecture The "parts" inside this module are integrated into a compact, encapsulated brick. The circuit generally consists of the following stages: ### A. Input Filtering & Protection * **Decoupling Capacitors:** To reduce input noise and prevent interference with the main power bus. * **Reverse Polarity Protection:** Diodes that prevent damage if the input wires are swapped. ### B. The Inverter Stage (DC-AC) * **PWM Controller:** An integrated circuit (IC) that manages the switching frequency. * **Switching MOSFETs:** High-speed transistors that convert the DC input into a high-frequency AC signal. ### C. The High-Voltage Transformer * **Ferrite Core:** The heart of the unit, designed to handle high frequencies with minimal loss. * **Secondary Windings:** Features a high turns ratio to step up the voltage significantly. ### D. Multiplier & Rectification * **Cockcroft-Walton Cascade:** A series of high-voltage diodes and ceramic capacitors that rectify the AC back to DC while further "multiplying" the voltage to reach the 3.5kV threshold. --- ## 3. Pinout Definition (Typical) Most MH35TDD-R modules utilize a 5 or 6-pin layout: 1. **Vcc (+):** Positive Input Power. 2. **GND (-):** Common Ground. 3. **V-ref:** Reference voltage output for the control pot. 4. **V-ctrl:** Input signal (0-5V) to adjust the output from 0 to 3500V. 5. **V-out (+):** High Voltage Output. 6. **V-out (GND):** High Voltage Return. --- ## 4. Common Applications These modules are used where precise, high-voltage, low-current power is required: * **Photomultiplier Tubes (PMT):** Providing bias voltage for light sensors. * **Mass Spectrometry:** Part of the ionization process. * **Electrostatic Precipitators:** Small scale air filtration. * **Ultrasonic Transducers:** Driving piezoelectric elements.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range required for the MH35TDD-R?
    • ⤷ How do I calculate the ripple voltage for this high-voltage output?
    • ⤷ Are there specific safety precautions for PCB layout when using 3.5kV modules?