전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH36FBD-R

  • AI
    ## Analysis of the MH36FBD-R Component The **MH36FBD-R** is a specific electronic component typically identified as a **Hall Effect Latch Sensor** or a **Magnetic Proximity Switch**, often manufactured by companies like Magnesensor Technology (MST) or similar semiconductor firms specializing in magnetic sensing. ### 1. Technical Specifications Below are the primary electronic specifications typically associated with this part number: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 3.0 to 24 | Volts (DC) | | **Output Type** | Open-Drain / Sink | - | | **Magnetic Type** | Latch (Sensing North/South) | - | | **Operating Current** | 2.5 - 5.0 | mA | | **Output Current (Max)** | 25 - 50 | mA | | **Operating Temperature** | -40 to +125 | °C | | **Package Style** | SOT-23 (Surface Mount) | - | --- ### 2. Functional Description The MH36FBD-R operates based on the Hall Effect. It contains a voltage regulator, a Hall-voltage generator, a small-signal amplifier, Schmitt trigger, and an open-drain output driver. * **Latching Behavior:** Unlike a standard switch, a "Latch" requires a South pole to turn the output ON and a North pole to turn the output OFF. It "remembers" its state even if the magnet is removed, until a pole of opposite polarity is applied. * **Protection:** Most modern versions include reverse battery protection and a temperature compensation circuit to ensure stability in automotive or industrial environments. --- ### 3. Pinout Configuration Typically, for the **SOT-23** package (the most common for the "R" suffix), the pins are defined as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VCC** | Input Supply Voltage | | 2 | **OUT** | Output (Requires Pull-up Resistor) | | 3 | **GND** | Ground Connection | --- ### 4. Typical Application Circuit The output is usually an **Open-Drain**, meaning it requires an external pull-up resistor to function correctly with microcontrollers like Arduino or ESP32. ```cpp // Example: Connecting MH36FBD-R to a Microcontroller // VCC -> 5V // GND -> GND // OUT -> Pin D2 (with a 10k Ohm pull-up resistor to 5V) void setup() { pinMode(2, INPUT); Serial.begin(9600); } void loop() { int sensorState = digitalRead(2); if (sensorState == LOW) { Serial.println("South Pole Detected (ON)"); } else { Serial.println("North Pole Detected (OFF)"); } } ``` --- ### 5. Common Use Cases * **BLDC Motors:** Used for commutation to detect the position of the rotor. * **Speed Sensing:** Measuring RPM (Revolutions Per Minute) in fans or wheels. * **Security Systems:** Detecting if a door or window is closed. * **Position Sensing:** Used in industrial automation for limit switching.
    ✨ Follow-up Questions
    • ⤷What is the required value for the pull-up resistor on the OUT pin?
    • ⤷ How does a Hall Effect Latch differ from a Unipolar Hall sensor?
    • ⤷ Can the MH36FBD-R handle voltages higher than 24V?