MH41FAG-R
AI

The **MH41FAG-R** is a specific type of **Hall Effect Sensor IC** (Integrated Circuit). These components are primarily used to detect the presence, strength, and polarity of magnetic fields and convert that information into an electrical signal.
---
## 1. Technical Specifications
Below are the typical characteristics associated with the MH41FAG-R series:
| Parameter | Description / Value |
| :--- | :--- |
| **Sensor Type** | Hall Effect (Bipolar Latch or Unipolar) |
| **Output Type** | Open-Drain / Digital |
| **Operating Voltage** | Typically 3.0V to 24V DC |
| **Output Current** | ~25mA to 50mA |
| **Package Type** | SOT-23 (Surface Mount) or TO-92S (Through-hole) |
| **Temperature Range** | -40°C to +125°C (Industrial Grade) |
---
## 2. Pinout Configuration
For the most common **SOT-23** package, the pinout is generally structured as follows:
1. **VDD (Supply):** Connects to the positive power source.
2. **OUT (Output):** The signal pin that switches state based on the magnetic field.
3. **GND (Ground):** Connects to the system ground.
---
## 3. How It Works (The Hall Effect)
The MH41FAG-R operates on the principle of the Hall Effect:
* **Magnetic Sensing:** When a magnetic south pole approaches the branded side of the sensor, the internal circuitry detects a change in voltage across the conductor.
* **Switching:** Once the magnetic flux density exceeds the "Operating Point" (Bop), the output transistor turns on (pulling the signal low).
* **Release:** When the magnetic field is removed or reversed (depending on if it is a Latch or Switch type), the output returns to its high-impedance state.
### Code Example: Basic Arduino Interface
To read the state of this sensor, you can use a simple digital read script:
```cpp
const int hallPin = 2; // Pin connected to Sensor OUT
int sensorState = 0; // Variable for reading status
void setup() {
pinMode(hallPin, INPUT_PULLUP); // Use internal pull-up resistor
Serial.begin(9600);
}
void loop() {
sensorState = digitalRead(hallPin);
if (sensorState == LOW) {
Serial.println("Magnet Detected!");
} else {
Serial.println("No Magnet");
}
delay(100);
}
```
---
## 4. Common Applications
* **BLDC Motors:** Used to sense the position of the rotor for commutation.
* **Speed Sensing:** Measuring the RPM of fans or wheels by counting pulses.
* **Proximity Switching:** Non-contact switches for lids, doors, or limit sensing in 3D printers.
* **Current Sensing:** Indirectly measuring current by detecting the magnetic field around a wire.
- ⤷What is the difference between a Unipolar and a Bipolar Hall Effect sensor?
- ⤷ Why is a pull-up resistor required for the Open-Drain output of this sensor?
- ⤷ Can this sensor be used to measure the exact distance of a magnet?