전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH42FDG-R

  • AI
    The **MH42FDG-R** is a specific electronic component primarily identified as a **Photocoupler (Optocoupler)** manufactured by Mitsubishi Electric. It is designed for signal isolation in power electronic circuits, specifically for driving Intelligent Power Modules (IPMs). --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the device: | Parameter | Description | | :--- | :--- | | **Component Type** | Optocoupler / Photocoupler | | **Circuit Type** | High-speed logic output (Active Low) | | **Isolation Voltage** | 2500 Vrms (Minimum) | | **Data Rate** | High speed (typically up to 1 Mbps or higher for gate driving) | | **Package Style** | 8-pin DIP (Dual In-line Package) or Surface Mount variant | | **Application** | IPM (Intelligent Power Module) interface | --- ### 2. Internal Structure and Operation The MH42FDG-R operates by converting an electrical signal into light and back into an electrical signal to ensure electrical isolation between the input and output. 1. **Input Side (Emitter):** Contains a Gallium Arsenide (GaAs) infrared LED. When current flows, it emits light. 2. **Output Side (Detector):** Contains a high-speed photodetector integrated with a signal processing circuit and an open-collector transistor. 3. **Isolation Barrier:** A transparent silicone or dielectric material prevents high voltage on the output side from damaging the low-voltage control circuitry on the input side. --- ### 3. Pin Configuration (Typical 8-Pin) While you should always consult the specific datasheet for the suffix version, the standard layout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | Anode | LED Input (+) | | 3 | Cathode | LED Input (-) | | 4 | NC | No Connection | | 5 | GND | Ground (Output side) | | 6 | $V_O$ | Output Signal | | 7 | NC | No Connection | | 8 | $V_{CC}$ | Supply Voltage (Output side) | --- ### 4. Common Applications * **Inverter Air Conditioners:** Used to transmit PWM signals from the MCU to the compressor's power module. * **Industrial Motor Drives:** Isolation between the control logic and high-voltage motor phases. * **Switching Power Supplies:** Feedback loops where safety isolation is required. --- ### 5. Equivalent Replacement / Cross-Reference If you are looking for replacements or troubleshooting, this part is often compared to or replaced by the **PS2501** (general purpose) or **HCPL-4504** (high speed), though the **MH42 series** is specifically optimized for Mitsubishi's own IPM hardware.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current requirements for the LED input side?
    • ⤷ Is there a direct equivalent from Broadcom or Toshiba for the MH42FDG-R?
    • ⤷ How does the 'Active Low' output logic affect the circuit design?